Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS464 Datasheet(PDF) 12 Page - Integrated Device Technology

Part # ICS9LPRS464
Description  System Clock Chip for ATI RS/RD600 series chipsets using AMD CPUs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9LPRS464 Datasheet(HTML) 12 Page - Integrated Device Technology

Back Button ICS9LPRS464 Datasheet HTML 8Page - Integrated Device Technology ICS9LPRS464 Datasheet HTML 9Page - Integrated Device Technology ICS9LPRS464 Datasheet HTML 10Page - Integrated Device Technology ICS9LPRS464 Datasheet HTML 11Page - Integrated Device Technology ICS9LPRS464 Datasheet HTML 12Page - Integrated Device Technology ICS9LPRS464 Datasheet HTML 13Page - Integrated Device Technology ICS9LPRS464 Datasheet HTML 14Page - Integrated Device Technology ICS9LPRS464 Datasheet HTML 15Page - Integrated Device Technology ICS9LPRS464 Datasheet HTML 16Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
12
ICS9LPRS464
System Clock Chip for ATI RS/RD600 series chipsets using AMD CPUss
IDTTM/ICSTM
System Clock Chip for ATI RS/RD600 series chipsets using AMD CPUs
1377A—04/07/08
Table 4: CPU Divider Ratios
B19b(7:4)
Bit
00
01
10
11
MSB
00
0000
2
0100
4
1000
8
1100
16
01
0001
3
0101
6
1001
12
1101
24
10
0010
5
0110
10
1010
20
1110
40
11
0011
15
0111
30
1011
60
1111
120
LSB
Address
Div
Address
Address
Div
Address
Div
Table 5: HTT Divider Ratios
B20b(3:0)
Bit
00
01
10
11
MSB
00
0000
4
0100
8
1000
16
1100
32
01
0001
3
0101
6
1001
12
1101
24
10
0010
5
0110
10
1010
20
1110
40
11
0011
15
0111
30
1011
60
1111
120
LSB
Address
Div
Address
Address
Div
Address
Div
Table 6: ATIG Divider Ratios
B19b(3:0)
Bit
00
01
10
11
MSB
00
0000
2
0100
4
1000
8
1100
16
01
0001
3
0101
6
1001
12
1101
24
10
0010
5
0110
10
1010
20
1110
40
11
0011
7
0111
14
1011
28
1111
56
LSB
Address
Div
Address
Address
Div
Address
Div
Divider (3:2)
Divider (3:2)
Divider (3:2)
CPU Clock
Common Recommendations for Differential Routing
Dimension or Value
Unit
Figure
0.5 max
inch
1
L1 length, Route as coupled 93 ohm trace.
L2 length, Route as coupled 93 ohm trace.
Contact AMD
inch
1
L2
L2
L1
L1
3900pF
+/-10%
Figure 1 CPU clock routing.
Low Power Output Buffer
w/integrated series resistor
AMD "Greyhound"
CPU input
3900pF
+/-10%
93Ω +/-10% DIFF
93Ω +/-10% DIFF
169Ω +/-10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com