Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS952601 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS952601
Description  Programmable Timing Control HubTM for Next Gen P4TM Processor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS952601 Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS952601 Datasheet HTML 1Page - Integrated Device Technology ICS952601 Datasheet HTML 2Page - Integrated Device Technology ICS952601 Datasheet HTML 3Page - Integrated Device Technology ICS952601 Datasheet HTML 4Page - Integrated Device Technology ICS952601 Datasheet HTML 5Page - Integrated Device Technology ICS952601 Datasheet HTML 6Page - Integrated Device Technology ICS952601 Datasheet HTML 7Page - Integrated Device Technology ICS952601 Datasheet HTML 8Page - Integrated Device Technology ICS952601 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
ICS952601
IDTTM
Progammable Timing Control HubTM for Next Gen P4TM Processor
701J—01/25/10
Programmable Timing Control HubTM for Next
Gen P4TM Processor
1
DATASHEET
Pin Configuration
Recommended Application:
CK409 clock, Intel Yellow Cover part
Output Features:
•
3 - 0.7V current-mode differential CPU pairs
•
1 - 0.7V current-mode differential SRC pair
•
7 - PCI (33MHz)
•
3 - PCICLK_F, (33MHz) free-running
•
1 - USB, 48MHz
•
1 - DOT, 48MHz
•
2 - REF, 14.318MHz
•
4 - 3V66, 66.66MHz
•
1 - VCH/3V66, selectable 48MHz or 66MHz
Key Specifications:
•
CPU/SRC outputs cycle-cycle jitter < 125ps
•
3V66 outputs cycle-cycle jitter < 250ps
•
PCI outputs cycle-cycle jitter < 250ps
•
CPU outputs skew: < 100ps
•
+/- 300ppm frequency accuracy on CPU & SRC clocks
Features/Benefits:
•
Supports tight ppm accuracy clocks for Serial-ATA.
•
Supports spread spectrum modulation, 0 to -0.5%
down spread.
•
Supports CPU clks up to 400MHz in test mode.
•
Uses external 14.318MHz crystal, external crystal load
caps are required for frequency tuning.
•
Supports undriven differential CPU, SRC pair in PD#
and CPU_STOP# for power management.
56-pin SSOP & TSSOP
REF0
1
56 FS_B
REF1
2
55 VDDA
VDDREF
3
54 GNDA
X1
4
53 GND
X2
5
52 IREF
GND
6
51 FS_A
PCICLK_F0
7
50 CPU_STOP#
PCICLK_F1
849 PCI_STOP#
PCICLK_F2
948 VDDCPU
VDDPCI 10
47 CPUCLKT2
GND 11
46 CPUCLKC2
PCICLK0 12
45 GND
PCICLK1 13
44 CPUCLKT1
PCICLK2 14
43 CPUCLKC1
PCICLK3 15
42 VDDCPU
VDDPCI 16
41 CPUCLKT0
GND 17
40 CPUCLKC0
PCICLK4 18
39 GND
PCICLK5 19
38 SRCCLKT
PCICLK6 20
37 SRCCLKC
PD# 21
36 VDD
3V66_0 22
35 Vtt_PWRGD#
3V66_1 23
34 VDD48
VDD3V66 24
33 GND
GND 25
32 48MHz_DOT
3V66_2 26
31 48MHz_USB
3V66_3 27
30 SDATA
SCLK 28
29 3V66_4/VCH
Functionality
B6b5 FS_A FS_B
CPU
MHz
SRC
MHz
3V66
MHz
PCI
MHz
REF
MHz
USB/DOT
MHz
0
0
100
100/200 66.66
33.33 14.318
48.00
0MID
Ref/N0
Ref/N1
Ref/N2 Ref/N3 Ref/N4
Ref/N5
0
1
200
100/200 66.66
33.33 14.318
48.00
1
0
133
100/200 66.66
33.33 14.318
48.00
1
1
166
100/200 66.66
33.33 14.318
48.00
1
MID
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
0
0
200
100/200 66.66
33.33 14.318
48.00
0
1
400
100/200 66.66
33.33 14.318
48.00
1
0
266
100/200 66.66
33.33 14.318
48.00
1
1
333
100/200 66.66
33.33 14.318
48.00
0
1


Similar Part No. - ICS952601

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS952601 ICST-ICS952601 Datasheet
181Kb / 24P
Programmable Timing Control Hub??for Next Gen P4??processor
logo
Renesas Technology Corp
ICS952601 RENESAS-ICS952601 Datasheet
371Kb / 26P
Programmable Timing Control HubTM for Next Gen P4TM Processor
2019
logo
Integrated Circuit Syst...
ICS952601YFLFT ICST-ICS952601YFLFT Datasheet
181Kb / 24P
Programmable Timing Control Hub??for Next Gen P4??processor
ICS952601YGLFT ICST-ICS952601YGLFT Datasheet
181Kb / 24P
Programmable Timing Control Hub??for Next Gen P4??processor
More results

Similar Description - ICS952601

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950202 ICST-ICS950202 Datasheet
162Kb / 19P
Programmable Timing Control HubTM for P4TM
ICS954204 ICST-ICS954204 Datasheet
199Kb / 16P
Programmable Timing Control HubTM for Mobile P4TM Systems
logo
Integrated Device Techn...
954226 IDT-954226 Datasheet
207Kb / 22P
Programmable Timing Control HubTM for Mobile P4TM Systems
ICS932S208 IDT-ICS932S208 Datasheet
157Kb / 21P
Programmable Timing Control HubTM for Next Gen P4TM Processor
logo
Renesas Technology Corp
954226 RENESAS-954226 Datasheet
207Kb / 22P
Programmable Timing Control HubTM for Mobile P4TM Systems
04/13/10
ICS932S208 RENESAS-ICS932S208 Datasheet
283Kb / 22P
Programmable Timing Control HubTM for Next Gen P4TM Processor
03/15/13
ICS950201 RENESAS-ICS950201 Datasheet
343Kb / 16P
Programmable Timing Control HubTM for P4TM
01/25/10
ICS950202 RENESAS-ICS950202 Datasheet
416Kb / 21P
Programmable Timing Control HubTM for P4TM
2019
ICS951104 RENESAS-ICS951104 Datasheet
584Kb / 21P
Programmable Timing Control HubTM for P4TM
2019
ICS952601 RENESAS-ICS952601 Datasheet
371Kb / 26P
Programmable Timing Control HubTM for Next Gen P4TM Processor
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com