Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBTL04DP211 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # CBTL04DP211
Description  DisplayPort 2 : 1 multiplexer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CBTL04DP211 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button CBTL04DP211 Datasheet HTML 2Page - NXP Semiconductors CBTL04DP211 Datasheet HTML 3Page - NXP Semiconductors CBTL04DP211 Datasheet HTML 4Page - NXP Semiconductors CBTL04DP211 Datasheet HTML 5Page - NXP Semiconductors CBTL04DP211 Datasheet HTML 6Page - NXP Semiconductors CBTL04DP211 Datasheet HTML 7Page - NXP Semiconductors CBTL04DP211 Datasheet HTML 8Page - NXP Semiconductors CBTL04DP211 Datasheet HTML 9Page - NXP Semiconductors CBTL04DP211 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
CBTL04DP211
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 30 March 2011
6 of 17
NXP Semiconductors
CBTL04DP211
DisplayPort 2 : 1 multiplexer
8.
Functional description
Refer to Figure 1 “Functional diagram”.
The CBTL04DP211 uses a 3.3 V power supply. All Main Link signal paths are
implemented using high-bandwidth pass-gate technology and are non-directional. No
clock or reset signal is needed for the multiplexer to function.
The switch position for the main link differential channels and Hot Plug Detect signals is
selected using the select signal GPU_SEL. Additionally, the signal AUX_SEL selects
between two AUX positions. The detailed operation is described in Section 8.1
“Multiplexer/switch select functions”.
8.1 Multiplexer/switch select functions
The internal multiplexer switch position is controlled by two logic inputs GPU_SEL and
AUX_SEL as described below.
Table 4.
Multiplexer/switch select control for IN and OUT channels
GPU_SEL
IN1_n
IN2_n
0
active; connected to OUT_n
high-impedance
1
high-impedance
active; connected to OUT_n
Table 5.
Multiplexer/switch select control for HPD channel
GPU_SEL
HPD_1
HPD_2
0
active; connected to HPD_IN
high-impedance
1
high-impedance
active; connected to HPD_IN
Table 6.
Multiplexer/switch select control for AUX channels
AUX_SEL
AUX1
AUX2
0
active; connected to AUX
high-impedance
1
high-impedance
active; connected to AUX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com