Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBTL04DP211 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # CBTL04DP211
Description  DisplayPort 2 : 1 multiplexer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CBTL04DP211 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button CBTL04DP211 Datasheet HTML 6Page - NXP Semiconductors CBTL04DP211 Datasheet HTML 7Page - NXP Semiconductors CBTL04DP211 Datasheet HTML 8Page - NXP Semiconductors CBTL04DP211 Datasheet HTML 9Page - NXP Semiconductors CBTL04DP211 Datasheet HTML 10Page - NXP Semiconductors CBTL04DP211 Datasheet HTML 11Page - NXP Semiconductors CBTL04DP211 Datasheet HTML 12Page - NXP Semiconductors CBTL04DP211 Datasheet HTML 13Page - NXP Semiconductors CBTL04DP211 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
CBTL04DP211
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 30 March 2011
10 of 17
NXP Semiconductors
CBTL04DP211
DisplayPort 2 : 1 multiplexer
12. Application information
12.1 Special considerations
Certain cable or dongle misplug scenarios make it possible for a 5 V input condition to
occur on pins AUX+ and AUX
, as well as HPD_IN. When AUX+ and AUX are
connected through a minimum of 2.2 k
 each, the CBTL04DP211 will sink current but will
not be damaged. Similarly, HPD_IN may be connected to 5 V via at least a 1 k
 resistor.
(Correct functional operation to specification is not expected in these scenarios.) The
latter also prevents the HPD_OUT output from loading down the system HPD signal when
power to the CBTL04DP211 is off.
Fig 3.
Application diagram
OUT_0-
AUX+
AUX-
OUT_0+
002aag022
HPD_IN
2 : 1
MUX
OUT_1-
OUT_1+
2 : 1
MUX
2 : 1
MUX
2 : 1
MUX
CBTL04DP211
VDD
GND
100 kΩ
100 kΩ
GPU A
GPU B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com