Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBTL04DP211 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # CBTL04DP211
Description  DisplayPort 2 : 1 multiplexer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CBTL04DP211 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button CBTL04DP211 Datasheet HTML 3Page - NXP Semiconductors CBTL04DP211 Datasheet HTML 4Page - NXP Semiconductors CBTL04DP211 Datasheet HTML 5Page - NXP Semiconductors CBTL04DP211 Datasheet HTML 6Page - NXP Semiconductors CBTL04DP211 Datasheet HTML 7Page - NXP Semiconductors CBTL04DP211 Datasheet HTML 8Page - NXP Semiconductors CBTL04DP211 Datasheet HTML 9Page - NXP Semiconductors CBTL04DP211 Datasheet HTML 10Page - NXP Semiconductors CBTL04DP211 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
CBTL04DP211
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 30 March 2011
7 of 17
NXP Semiconductors
CBTL04DP211
DisplayPort 2 : 1 multiplexer
9.
Limiting values
[1]
Human Body Model: ANSI/EOS/ESD-S5.1-1994, standard for ESD sensitivity testing, Human Body Model -
Component level; Electrostatic Discharge Association, Rome, NY, USA.
[2]
Charged Device Model: ANSI/EOS/ESD-S5.3-1-1999, standard for ESD sensitivity testing, Charged Device
Model - Component level; Electrostatic Discharge Association, Rome, NY, USA.
10. Recommended operating conditions
[1]
HPD input is tolerant to 5 V input, provided a 1 k
 series resistor between the voltage source and the pin is
placed in series. See Section 12.1 “Special considerations”.
[2]
AUX input is tolerant to 5 V input, provided a 2.2 k
 series resistor between the voltage source and the pin
is placed in series. See Section 12.1 “Special considerations”.
Table 7.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
0.3
+5
V
Tcase
case temperature
40
+85
C
VESD
electrostatic discharge
voltage
HBM
[1] -
8000
V
HBM; CMOS inputs
[1] -
2000
V
CDM
[2] -
1000
V
CDM; CMOS inputs
[2]
500
V
Table 8.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
supply voltage
3.0
3.3
3.6
V
VI
input voltage
CMOS inputs
0.3
-
VDD +0.3
V
Main Link
0.3
-
VDD +0.3
V
HPD inputs
[1]
0.3
-
VDD +0.3
V
AUX
[2]
0.3
-
VDD +0.3
V
Tamb
ambient temperature
operating in free air
40
-
+85
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com