Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBTL04DP211 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # CBTL04DP211
Description  DisplayPort 2 : 1 multiplexer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CBTL04DP211 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button CBTL04DP211 Datasheet HTML 7Page - NXP Semiconductors CBTL04DP211 Datasheet HTML 8Page - NXP Semiconductors CBTL04DP211 Datasheet HTML 9Page - NXP Semiconductors CBTL04DP211 Datasheet HTML 10Page - NXP Semiconductors CBTL04DP211 Datasheet HTML 11Page - NXP Semiconductors CBTL04DP211 Datasheet HTML 12Page - NXP Semiconductors CBTL04DP211 Datasheet HTML 13Page - NXP Semiconductors CBTL04DP211 Datasheet HTML 14Page - NXP Semiconductors CBTL04DP211 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
CBTL04DP211
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 30 March 2011
11 of 17
NXP Semiconductors
CBTL04DP211
DisplayPort 2 : 1 multiplexer
13. Package outline
Fig 4.
Package outline SOT1185-1 (HVQFN32)
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1185-1
- - -
- - -
- - -
sot1185-1_po
10-07-26
10-08-09
Unit
mm
max
nom
min
1.00
0.85
0.80
0.05
0.02
0.00
0.2
3.1
3.0
2.9
1.9
1.8
1.7
6.1
6.0
5.9
0.4
1.6
0.4
0.3
0.2
0.1
A(1)
Dimensions
Note
1. Plastic or metal protrusions of 0.075 mm maximum per side are not included.
HVQFN32: plastic thermal enhanced very thin quad flat package; no leads;
32 terminals; 3 x 6 x 0.85 mm
SOT1185-1
A1
b
0.25
0.20
0.15
cD(1)
Dh
E(1)
Eh
4.9
4.8
4.7
ee1
e2
4
Lv
0.07
w
0.05
y
0.08
y1
0
2.5
5 mm
scale
terminal 1
index area
B
A
D
E
C
y
C
y1
X
detail X
A
c
A1
1
11
Eh
Dh
L
b
e2
e1
e
e
A
C
B
v
C
w
terminal 1
index area
17
27
12
32
16
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com