Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2822 Datasheet(PDF) 3 Page - Tiger Electronic Co.,Ltd

Part # TDA2822
Description  DUAL POWER AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

TDA2822 Datasheet(HTML) 3 Page - Tiger Electronic Co.,Ltd

  TDA2822 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd TDA2822 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd TDA2822 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd TDA2822 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd TDA2822 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd TDA2822 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd TDA2822 Datasheet HTML 7Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SHAOXING SILICORE TECHNOLOGY CO.,LTD
www. Silicore. com. cn
CHMC
3/7
2.Bridge Test Circuit (Unless otherwise specified Vcc=6V,Tamb=25°C)
Characteristic
Sym
-bol
Test Condition
Min.
Ty p.
Max.
Unit
Supply Vo ltage
Vcc
1.8
15
V
Quiescent Drain Current
Id
R L =
∞
6
9
mA
Output Offset Vo ltage
(Between the Outputs)
Vo s
R L =8 Ω
±50
mV
Input Bias Current
Ib
100
nA
d=10%
f=1kHz
Vcc=9V
R L =16 Ω
Vcc=6V
R L =8 Ω
Vcc=4.5V
R L =8 Ω
Vcc=4.5V
R L =4 Ω
2
1.35
0.7
1
W
Output Power
Po
Vcc=3V
R L =4 Ω
Vcc=2V
R L =4 Ω
200
350
80
mW
Distortion
THD Po=0.5W R L =8 Ω f=1kHz
0.2
%
Closed Loop Vo ltage
Gain
Av f
f=1kHz
40
dB
Input Resistance
Ri
f=1kHz
100
k Ω
Rs=10k Ω Curve A
2.5
To tal Input Noise
V NI
Rs=10k Ω B=22Hz to 22kHz
3
μ V
Supply Vo ltage
Rejection
SVR
f=100Hz
40
dB
Power Bandwidth (-3dB)
B
R L =8 Ω
P o = 1 W
120
kHz
TDA2822



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com