Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2822 Datasheet(PDF) 5 Page - Tiger Electronic Co.,Ltd

Part # TDA2822
Description  DUAL POWER AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

TDA2822 Datasheet(HTML) 5 Page - Tiger Electronic Co.,Ltd

  TDA2822 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd TDA2822 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd TDA2822 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd TDA2822 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd TDA2822 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd TDA2822 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd TDA2822 Datasheet HTML 7Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SHAOXING SILICORE TECHNOLOGY CO.,LTD
www. Silicore. com. cn
CHMC
5/7
APPLICATION CIRCUIT
1. Typical application in portable players
100uF
10K
4.7
IN (L)
8
7
1
+
_
100uF
10K
4.7
IN (R)
5
6
3
+
_
+3V
2
4
32/16
HEADPHONE
2. Application circuit for portable radio receivers
33uF
22K
1.0uF
5K
1K
0.47uF
47nF
680
LED
47
100uF
47K
47K
0.1uF
47K
0.1uF
220uF
4.7
_
+
7
8
1
4
220uF
0.1uF
47K
220uF
4.7
_
+
6
5
3
4
4
TDA2822
2
+Vcc=6V
19K
MONITOR
IN
VCO
STOP
TEA1330
13
13 15
14
6
4
5
12
16
8
11
10
7
9
2
TDA2822



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com