Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2822 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # TDA2822
Description  DUAL POWER AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

TDA2822 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  TDA2822 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd TDA2822 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd TDA2822 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd TDA2822 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd TDA2822 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd TDA2822 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd TDA2822 Datasheet HTML 7Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SHAOXING SILICORE TECHNOLOGY CO.,LTD
www. Silicore. com. cn
CHMC
1/7
DUAL POWER AMPLIFIER
TDA2822
GENERAL DESCRIPTION
Outline Drawing
The TDA 28 22 is a mo noli thi c in t egrated cir cuit in
8 lead M i n i dip pack ag e. It is int e nde d for use as
dual au dio power am plifier i n portab l e c a ssette
tape play ers and radios.
FEATURES
Dual Low-voltage power amplifier
Supply voltage down to 1.8V
L o w c r o s s o v e r d i s t o r t i o n
D I P 8
Low quiescent current
Bridge or stereo configuration
BLOCK DIAGRAM
SOP8
PINNING
BIAS
CIRCUIT
+
_
+
_
8
7
6
5
1
23
4
NF1
IN1
IN2
NF2
OUT1
Vcc
OUT2
GND
1
2
3
4
5
6
7
8
OUTPUT(1)
Vcc
OUTPUT(2)
GROUND
INPUT-(1)
INPUT+(1)
INPUT+(2)
INPUT-(2)
2822
TIGER ELECTRONIC CO.,LTD
TDA2822
TDA2822
TDA2822


Similar Part No. - TDA2822

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2822 STMICROELECTRONICS-TDA2822 Datasheet
163Kb / 11P
DUAL POWER AMPLIFIER
Mar-1995
logo
Unisonic Technologies
TDA2822 UTC-TDA2822 Datasheet
79Kb / 5P
DUAL LOW VOLTAGE POWER AMPLIFIER
TDA2822 UTC-TDA2822 Datasheet
145Kb / 6P
DUAL LOW VOLTAGE POWER AMPLIFIER
logo
STMicroelectronics
TDA2822 STMICROELECTRONICS-TDA2822 Datasheet
1Mb / 11P
DUAL POWER AMPLIFIER
Sep-2003
logo
Unisonic Technologies
TDA2822 UTC-TDA2822 Datasheet
145Kb / 6P
DUAL LOW VOLTAGE POWER AMPLIFIER
More results

Similar Description - TDA2822

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2822 STMICROELECTRONICS-TDA2822 Datasheet
163Kb / 11P
DUAL POWER AMPLIFIER
Mar-1995
logo
Siemens Semiconductor G...
TCA2465 SIEMENS-TCA2465 Datasheet
283Kb / 26P
Dual Power Operational Amplifier
logo
Fairchild Semiconductor
KA334 FAIRCHILD-KA334 Datasheet
36Kb / 8P
Dual Power Operational Amplifier
logo
STMicroelectronics
TDA2824 STMICROELECTRONICS-TDA2824 Datasheet
142Kb / 10P
DUAL POWER AMPLIFIER
Jan-1995
logo
Wuxi Youda electronics ...
YD6282 YOUDA-YD6282 Datasheet
155Kb / 4P
DUAL AUDIO POWER AMPLIFIER
YD8207 YOUDA-YD8207 Datasheet
154Kb / 4P
DUAL AUDIO POWER AMPLIFIER
logo
STMicroelectronics
TDA2822 STMICROELECTRONICS-TDA2822_03 Datasheet
1Mb / 11P
DUAL POWER AMPLIFIER
Sep-2003
logo
Tiger Electronic Co.,Lt...
TDA2822D TGS-TDA2822D Datasheet
420Kb / 7P
DUAL POWER AMPLIFIER
TDA2822M TGS-TDA2822M Datasheet
420Kb / 7P
DUAL POWER AMPLIFIER
logo
List of Unclassifed Man...
D2822 ETC1-D2822 Datasheet
106Kb / 7P
DUAL POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com