Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2822 Datasheet(PDF) 4 Page - Tiger Electronic Co.,Ltd

Part # TDA2822
Description  DUAL POWER AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

TDA2822 Datasheet(HTML) 4 Page - Tiger Electronic Co.,Ltd

  TDA2822 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd TDA2822 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd TDA2822 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd TDA2822 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd TDA2822 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd TDA2822 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd TDA2822 Datasheet HTML 7Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SHAOXING SILICORE TECHNOLOGY CO.,LTD
www. Silicore. com. cn
CHMC
4/7
TEST CIRCUIT
1.STEREO TEST CIRCUIT
C1
C4 470uF
R1
10K
R3
4.7
R
C6
L
IN (L)
8
7
1
+
_
C2
C5 470uF
R2
10K
R4
4.7
R
C7
L
IN (R)
5
6
3
+
_
C3
10uF
+Vcc
2
4
2.BRIDGE TEST CIRCUIT
+
-
+
-
R1
10K
C1
10uF
R2
4.7
C4
0.1uF
RL
C2
R3
4.7
C5
0.1uF
C3
10uF
1
3
2
4
5
7
6
8
IN
+Vcc
TDA2822



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com