Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1371EST16TC Datasheet(PDF) 6 Page - Diodes Incorporated

Part # ZXLD1371EST16TC
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1371EST16TC Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button ZXLD1371EST16TC Datasheet HTML 2Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 3Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 4Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 5Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 6Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 7Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 8Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 9Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
ZXLD1371
ZXLD1371
Document number: DS35436 Rev. 1 - 2
6 of 42
www.diodes.com
February 2012
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Electrical Characteristics (cont.) (Test conditions: VIN = VAUX = 12V, TA = 25°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Output Parameters
VFLAGL
FLAG pin low level output voltage
Output sinking 1mA
0.5
V
IFLAGOFF FLAG pin open-drain leakage current
VFLAG = 40V
1
µA
VSTATUS
STATUS Flag no-load output voltage
(Note 10)
Normal operation
4.2
4.5
4.8
V
Out of regulation (VSHP out of range)
(Note 11)
3.3
3.6
3.9
VIN under-voltage (VIN < UVLO)
3.3
3.6
3.9
Switch stalled (tON or tOFF > 100µs)
3.3
3.6
3.9
Over-temperature (TJ > 125°C)
1.5
1.8
2.1
Excess sense resistor current
(VSENSE > 0.32V)
0.6
0.9
1.2
RSTATUS Output impedance of STATUS output
Normal operation
10
k
Ω
Driver output (PIN GATE)
VGATEH
High level output voltage
No load Sourcing 1mA
(Note 12)
10
11
V
VGATEL
Low level output voltage
Sinking 1mA, (Note 13)
0.5
V
VGATECL High level GATE CLAMP voltage
VIN = VAU X= VISM = 18V
IGATE = 1mA
12.8
15
V
IGATE
Dynamic peak current available during
rise or fall of output voltage
Charging or discharging gate of
external switch with QG = 10nC and
400kHz
±300
mA
tSTALL
Time to assert ‘STALL’ flag and
warning on STATUS output
(Note 14)
GATE low or high
100
170
µs
LED Thermal control circuit (TADJ) parameters
VTADJH
Upper threshold voltage
Onset of output current reduction
(VTADJ falling)
560
625
690
mV
VTADJL
Lower threshold voltage
Output current reduced to <10% of
set value (VTADJ falling)
380
440
500
mV
ITADJ
TADJ pin Input current
VTADJ = 1.25V
1
µA
Notes:
10. In the event of more than one fault/warning condition occurring, the higher priority condition will take precedence.
For example ‘Excessive coil current’ and ‘Out of regulation’ occurring together will produce an output of 0.9V on the STATUS pin.
These STATUS pin voltages apply for an input voltage to VIN of 7.5V < VIN < 60V. Below 7.5V the STATUS pin voltage levels reduce and
therefore may not report the correct status. For 5.4V < VIN < 7.5V the flag pin still reports any error by going low. At low VIN in Boost and
Buck-boost modes an over-current status may be indicated when operating at high boost ratios – this due to the feedback loop increasing
the sense voltage.
For more information see the Application Information section about Flag/Status levels.
11. Flag is asserted if VSHP < 1.5V or VSHP > 2.5V
12. GATE is switched to the supply voltage VAUX for low values of VAUX (5V ≤ VAUX ≤ ~12V). For VAUX > 12V, GATE is clamped internally to prevent
it exceeding 15V.
13. GATE is switched to PGND by an NMOS transistor
14. If tON exceeds tSTALL, the device will force GATE low to turn off the external switch and then initiate a restart cycle. During this phase, ADJ is
grounded internally and the SHP pin is switched to its nominal operating voltage, before operation is allowed to resume. Restart cycles will be
repeated automatically until the operating conditions are such that normal operation can be sustained. If tOFF exceeds tSTALL, the switch will
remain off until normal operation is possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com