Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1371EST16TC Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXLD1371EST16TC
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1371EST16TC Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXLD1371EST16TC Datasheet HTML 1Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 2Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 3Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 4Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 5Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 6Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 7Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 8Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
N
ZXLD1371
Document number
Descriptio
The ZXLD137
external MOS
topology contr
through series
to operate in b
The 60V capa
enables it to b
in excess of 15
The ZXLD137
patent pending
accuracy in a
dimming is ac
PWM control.
The ZXLD137
highlights a fa
information on
Features
•
0.5% typic
•
5 to 60V o
•
LED drive
•
configurat
•
Wide dyna
o
10:1 D
o
1000:
•
Up to 1MH
•
High temp
•
Available
TS16949
•
Available
lead Free
Note 1:
EU Direct
RoHS exe
Typical Ap
Buck-Boos
TH
10
R
1.8
RGI2
75k
RGI1
24k
C1
10µF
VIN 8V to 22V
r: DS35436 Rev. 1
on
71 is an LED
FETs to drive
roller enabling
s connected LE
buck, boost and
ability coupled
be used in a wi
5 LEDs in serie
71 is a modif
g control sche
all three mod
chieved throug
1 uses two pin
ault, while the
the exact fault
cal output curre
operating voltag
er supports Buc
tions
amic range dim
DC dimming
1 dimming rang
Hz switching
perature contro
in Automotiv
certification
in “Green” Mo
Finish/ RoHS
tive 2002/95/EC (R
emptions applied.
pplication
st Diagram U
C2
330pF
ZXLD
H1
0k
R4
8k
PWM
VAUX VIN
GI
ADJ
REF
TADJ
SHP
S
NC
- 2
60V HIGH A
D driver contr
high current
it to efficiently
EDs. The multi
d buck-boost co
d with its mult
de range of ap
es.
fied hysteretic
eme providing
des of operati
gh DC control
ns for fault diag
multi-level stat
t.
ent accuracy
ge range
ck, Boost and B
mming
ge at 500Hz
ol of LED curren
ve Grade wi
olding Compou
Compliant (No
RoHS) & 2011/65/E
Circuit
tilizing Ther
D1371
L1
33µH
R1
0R05
N
ISM
GND PGND
GATE
FLAG
STATUS
The
ww
ACCURACY
roller IC for d
LEDs. It is a
y control the c
i-topology enab
onfigurations.
i-topology cap
pplications and
c controller us
high output c
ion. High acc
and high freq
gnosis. A flag o
tus pin gives f
Buck-boost
nt using TADJ
ith AEC-Q100
und (No Br, Sb
ote 1)
EU (RoHS 2). All ap
mistor and T
H
C
10
D1
PDS3100
Q1
DMN6068LK3
ermally connected
ILED = 1A
1 of 42
ww.diodes.com
BUCK/BOOS
driving
multi-
current
bles it
pability
d drive
sing a
current
curacy
uency
output
further
Pin
0 and
b) with
pplicable
TADJ
C
OUT
0µF
1 to 6
LEDs
A
Dio
ST/BUCK-BO
n Assignme
Curve Sh
ADJ
REF
TADJ
SHP
STATUS
SGND
PGND
N/C
1
2
3
4
5
6
7
8
A Product Lin
odes Incorpor
OOST LED D
ents
howing LED
1
2
3
4
5
6
7
8
TSSOP
ZX
Febru
© Diodes
ne of
rated
DRIVER-CONT
Current vs. T
P-16EP
LD1371
uary 2012
Incorporated
TROLLER
TLED
GI
PWM
FLAG
ISM
VIN
VAUX
GATE
N/C
16
15
14
13
12
11
10
9


Similar Part No. - ZXLD1371EST16TC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXLD1371Q DIODES-ZXLD1371Q Datasheet
1Mb / 42P
AUTOMOTIVE GRADE 60V HIGH ACCURACY BUCK
Rev 1
ZXLD1371QESTTC DIODES-ZXLD1371QESTTC Datasheet
1Mb / 42P
AUTOMOTIVE GRADE 60V HIGH ACCURACY BUCK
Rev 1
More results

Similar Description - ZXLD1371EST16TC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXLD1374 DIODES-ZXLD1374 Datasheet
733Kb / 35P
60V HIGH ACCURACY 1.5A BUCK/BOOST/BUCK-BOOST LED DRIVER CONVERTER
DS35032 Rev. 1 - 2
ZXLD1370 DIODES-ZXLD1370 Datasheet
856Kb / 33P
60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER CONTROLLER
DS32165 Rev. 2 - 2
ZXLD1370 DIODES-ZXLD1370_11 Datasheet
731Kb / 35P
60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER CONTROLLER
Rev 3
ZXLD1370_1103 DIODES-ZXLD1370_1103 Datasheet
859Kb / 36P
60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER WITH AEC-Q100
Rev 4
ZXLD1374 DIODES-ZXLD1374_11 Datasheet
844Kb / 37P
60V HIGH ACCURACY 1.5A BUCK/BOOST/BUCK-BOOST
Rev 2
logo
Linear Technology
LT3791 LINER-LT3791_15 Datasheet
403Kb / 28P
60V 4-Switch Synchronous Buck-Boost LED Driver Controller
LT8391AIFE LINER-LT8391AIFE Datasheet
533Kb / 10P
60V 2MHz Synchronous Buck-Boost LED Driver
logo
Diodes Incorporated
ZXLD1370 DIODES-ZXLD1370_16 Datasheet
1Mb / 40P
60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST
Rev 6
logo
QX Micro Devices Co.,Lt...
QX5278 QXMD-QX5278 Datasheet
810Kb / 2P
Buck-boost LED driver
logo
Diodes Incorporated
AL8871Q DIODES-AL8871Q Datasheet
772Kb / 28P
60V BUCK-BOOST LED CONTROLLER
August 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com