Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1371EST16TC Datasheet(PDF) 9 Page - Diodes Incorporated

Part # ZXLD1371EST16TC
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1371EST16TC Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button ZXLD1371EST16TC Datasheet HTML 5Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 6Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 7Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 8Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 9Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 10Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 11Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 12Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
ZXLD1371
Document number
Typical C
r: DS35436 Rev. 1
Characteris
0
250
500
750
1000
1250
1500
0
0%
20%
40%
60%
80%
100%
0
- 2
stics – PWM
ILED vs
10
20
T = 25°C
A
V= V
=
L = 33µH, R
IN
AUX
S
f= 100Hz
PWM
250
ww
M/Thermal
s. Time - PW
P
LED C
0
30
4
24V
=150m
Ω
z
0
50
T
LED Current
A
9 of 42
ww.diodes.com
Dimming
WM Pin Trans
PWM DUTY CYCLE
Current vs. PWM D
4050
00
PIN VOLTAGE (
Dimming Factor vs
ADJ
A
Dio
sient Respon
E (%)
Duty Cycle
60
70
750
(mV)
s. T
Voltage
ADJ
A Product Lin
odes Incorpor
nse
ILED
80
90
1000
ZX
Febru
© Diodes
ne of
rated
100
1250
LD1371
uary 2012
Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com