Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1371EST16TC Datasheet(PDF) 39 Page - Diodes Incorporated

Part # ZXLD1371EST16TC
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1371EST16TC Datasheet(HTML) 39 Page - Diodes Incorporated

Back Button ZXLD1371EST16TC Datasheet HTML 34Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 35Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 36Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 37Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 38Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 39Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 40Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 41Page - Diodes Incorporated ZXLD1371EST16TC Datasheet HTML 42Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
ZXLD1371
ZXLD1371
Document number: DS35436 Rev. 1 - 2
39 of 42
www.diodes.com
February 2012
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Applications Information (cont.)
Over-Voltage Protection
The ZXLD1371 is inherently protected against open-circuit load when used in Buck configuration. However care has to be
taken with open-circuit load conditions in Buck-Boost or Boost configurations. This is because in these configurations there
is no internal open-circuit protection mechanism for the external MOSFET. In this case an Over-Voltage-Protection (OVP)
network should be provided externally to the MOSFET to avoid damage due to open circuit conditions. This is shown in
figure 19 below, highlighted in the dotted blue box.
Figure 19. OVP Circuit
The zener voltage is determined according to: Vz = VLEDMAX +10% where VLEDMAX is maximum LED chain voltage.
If the LEDA voltage exceeds VZ the gate of MOSFET Q2 will rise turning Q2 on. This will pull the PWM pin low and switch
off Q1 until the voltage on the drain of Q1 falls below Vz. If the voltage at LEDA remains above VZ for longer than 20ms
then the ZXLD1371 will enter into a shutdown state.
Care should be taken such that the maximum gate voltage of the Q2 MOSFET is not exceeded.
Take care of the max voltage drop on the Q2 MOSFET gate. Typical devices for Z1 and Q2 are BZX84C and 2N7002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com