Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT67F40 Datasheet(PDF) 72 Page - Holtek Semiconductor Inc

Part # HT67F40
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F40 Datasheet(HTML) 72 Page - Holtek Semiconductor Inc

Back Button HT67F40 Datasheet HTML 68Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 69Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 70Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 71Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 72Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 73Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 74Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 75Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 76Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 242 page
background image
Rev. 1.50
72
March 06 , 2012
Rev. 1.50
73
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
● RES Pin
As the reset pin is shared with PB.0, the reset function must be selected using a configuration
option. Although the has an internal RC reset function, if the VDD power supply rise time is not
fast enough or does not stabilise quickly at power-on, the internal reset function may be incapable
of providing proper reset operation. For this reason it is recommended that an external RC
network is connected to the RES pin, whose additional time delay will ensure that the RES pin
remains low for an extended period to allow the power supply to stabilise. During this time delay,
normal operation of the will be inhibited. After the RES line reaches a certain voltage value, the
reset delay time tRSTD is invoked to provide an extra delay time after which the will begin normal
operation. The abbreviation SST in the figures stands for System Start-up Timer.
For most applications a resistor connected between VDD and the RES pin and a capacitor
connected between VSS and the RES pin will provide a suitable external reset circuit. Any wiring
connected to the RES pin should be kept as short as possible to minimise any stray noise
interference.
For applications that operate within an environment where more noise is present the Enhanced
Reset Circuit shown is recommended.
PB 0/ RE S
0. 1~ 1 m F
10k W ~
100k W
VD D
VS S
0. 01 m F* *
V DD
1N 4148*
300 W *
External RES Circuit
Note: * It is recommended that this component is added for added ESD protection.
** It is recommended that this component is added in environments where
power line noise is significant.
More information regarding external reset circuits is located in Application Note HA0075E on the
Holtek website.
Pulling the RES Pin low using external hardware will also execute a device reset. In this case, as in
the case of other resets, the Program Counter will reset to zero and program execution initiated from
this point.
RE S
In te r nal R es et
0. 9 V DD
0. 4 V DD
t RS TD + t SST
RES Reset Timing Chart
Note: tRSTD is power-on delay, typical time=100ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com