Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT67F40 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT67F40
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F40 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT67F40 Datasheet HTML 9Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 10Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 11Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 12Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 13Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 14Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 15Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 16Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
12
March 06 , 2012
Rev. 1.50
13
March 06 , 2012
47
46
45
44
43
42
41
HT 67 F6 0
80 L QF P- A
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61
60
59
58
57
56
55
54
53
52
51
40
49
48
SE G2 2/ PF 6
SE G2 3/ PF 7
SE G2 4/ PH 6
SE G2 5/ PH 7
SE G2 6/ PB 6
SE G2 7/ PB 7
SE G2 8/ PG 6
SE G2 9/ PG 7
SE G3 0/ PC 6
SE G3 1/ PC 7
SE G3 2
SE G3 3
SE G3 4
SE G3 5
SE G3 6
SE G3 7
SE G3 8
SE G3 9
CO M3 /S EG 56
CO M2
SE G1 /P D1 /[ TP 0_1]
SE G0 /P D0 /[ TP 0_0]
PC 5 /IN T3 /T P 0_1/ TP 1B _2 /[S DO ]
PC 4/ IN T2 /T MR 3/ TP 2_1 /[S DI ]/[S DA ]
PC 3/ TP 2_0/ C1 - /[S CK ]/[S CL ]
PC 2/ TC K2 /C 1+ /[S CS ]
PC 1/ TP 1B _1 /[P CK ]/S DO
PC 0/ [P IN T ]/T P1 B _0/ SD I/S DA
PG 5 /[S DO ]
PG 4 /[S DI ]/[ SD A]
PG 3/ TP 3_0/ [S CK ]/[ SC L]
PG 2 /[S CS ]
PG 1 /[P CK ]
PG 0/ [P IN T] /T P 3_1
PH 1/ AN 9
PH 0/ AN 8
PA 7/ AN 7/ SC K/ SC L
PA 6/ AN 6/ SC S
PA 5/ C1 X/ PC K/ AN 5
PA 4/ IN T1 /P IN T/ TC K1 /A N4
HT 67 F6 0
64 L QF P- A
1
2
3
4
5
6
7
8
9
10
11
12
13
20 21 22 23 24 25 26 27 28
60
61
62
63
64
29 30 31 32
52
53
54
55
56
57
58
59
14
15
16
43
44
45
46
47
48
36
37
38
39
40
41
42
33
34
35
17 18 19
49
50
51
P A0 /C 0X /T P 0_0 /A N0 /S CS A
PB 5/ V RE F
VSS /IO VSS /A VSS
V DD /A V DD /I OV DD
PB 0/ RE S
PB 1/ OS C1
PB 2/ OS C2
PB 3/ XT 1
PB 4/ XT 2
V LC D
V MA X
V 1
V 2
C1
C2
CO M0
SE G3 /P D3 /[ TP 1B _0 ]
SE G4 /P D4 /[ TP 1B _1 ]
SE G5 /P D5 /[ TP 1B _2 ]
SE G6 /P D6 /[ TP 2_0]
SE G7 /P D7 /[ TP 2_1]
SE G8 /P E0 /[T CK 0]
SE G9 /P E1 /[T CK 1]
SE G1 0/ PE 2/ [T CK 2] /[ C0 X]
SE G1 1/ PE 3/ [C 0X ]
SE G1 2/ PE 4/ [I NT 0]
SE G1 3/ PE 5/ [I NT 1]
SE G1 4/ PE 6/ [C 1X ]
SE G1 5/ PE 7/ [C 1X ]
SE G1 6/ PF 0 /[T P3 _0 ]
SE G1 7/ PF 1 /[T P3 _1 ]
SE G1 8/ PF 2
SE G1 /P D1 /T P0 _1
SE G0 /P D0 /[ TP 0_0]
PC 5 /IN T3 /T P 0_1/ TP 1B _2/ SD O
PC 4 /IN T2 /T CK 3/ TP 2_1/ SD I/ SD A
PC 3/ TP 2_0/ C1 -/ SC K/ SC L
PC 2/ TC K2 /C 1+ /S CS
PC 1/ TP 1B _1 /P CK /S DO
PC 0/ PI NT /T P1 B _0/ SD I/S DA
PG 5 /[S DO ]
PG 4 /[S DI ]/[ SD A]
PG 3/ TP 3_0/ [S CK ]/[ SC L]
PG 2/ [S CS ]
PG 1/ [P CK ]
PG 0/ PI NT /T P3 _1
PH 5
PH 4
PH 3/ AN 11
PH 2/ AN 10
PH 1/ AN 9
PH 0/ AN 8
PA 7/ AN 7/ SC K/ SC L
PA 6/ AN 6/ SC S
PA 5/ C1 X/ PC K/ AN 5
PA 4/ IN T1 /P IN T/ TC K1 /A N4
PA 3/ IN T0 /A N3 /C 0- /S D0 A
HT 67 F6 0
48 LQ FP -A
13 1 4 15 16 1 7 18 19 20 21 2 2 23 2 4
48 4 7 46 45 4 4 43 42 41 40 3 9 38 3 7
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
SE G1 4/ PE6 /[C 1X ]
SE G1 5/ PE7 /[C 1X ]
SE G2 8/ PG 6
SE G2 9/ PG 7
SE G3 0/ PC 6
SE G3 1/ PC 7
CO M3 /S EG 56
CO M2
CO M1
CO M0
C2
C1
SE G1 /P D1 /[ TP 0_1]
SE G0 /P D0 /[ TP 0_0]
PC 1/ TP 1B _1 /[ PC K] /S DO
PC 0 /[P IN T ]/T P1 B _0/ SD I/S DA
PA 7/ AN 7/ SC K/ SC L
PA 6/ AN 6/ SC S
PA 5/ C1 X/ PC K/ AN 5
PA 4/ IN T1 /P IN T/ TC K1 /A N4
PA 3/ IN T0 /A N3 /C 0- /S DO A
PA 2/ TC K0 /A N2 /C 0+ /S DI A
PA 1/ TP 1A /A N1 /S CK A
PA 0/ C0 X/ TP 0_0 /A N0 /S CS A
31 32 33 34 35 3637 38 39 40 41 42 43 44 45 46 47 48 49 50
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
10 0
80 79 78 77 7675
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
HT 67 F6 0
100 LQ FP -A
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26 27 28 29 30
SE G2 7/ PB 7
SE G2 8/ PG 6
SE G2 9/ PG 7
SE G3 0/ PC 6
SE G3 1/ PC 7
SE G3 2
SE G3 3
SE G3 4
SE G3 5
SE G3 6
SE G3 7
SE G3 8
SE G3 9
SE G4 0
SE G4 1
SE G4 2
SE G4 3
SE G4 4
SE G4 5
SE G4 6
SE G4 7
SE G4 8
SE G4 9
SE G5 0
SE G5 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com