Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT67F40 Datasheet(PDF) 31 Page - Holtek Semiconductor Inc

Part # HT67F40
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F40 Datasheet(HTML) 31 Page - Holtek Semiconductor Inc

Back Button HT67F40 Datasheet HTML 27Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 28Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 29Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 30Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 31Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 32Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 33Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 34Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 35Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
30
March 06 , 2012
Rev. 1.50
31
March 06 , 2012
System Architecture
A key factor in the high-performance features of the Holtek range of microcontrollers is attributed to
their internal system architecture. The range of devices take advantage of the usual features found
within RISC microcontrollers providing increased speed of operation and enhanced performance.
The pipelining scheme is implemented in such a way that instruction fetching and instruction
execution are overlapped, hence instructions are effectively executed in one cycle, with the
exception of branch or call instructions. An 8-bit wide ALU is used in practically all instruction set
operations, which carries out arithmetic operations, logic operations, rotation, increment, decrement,
branch decisions, etc. The internal data path is simplified by moving data through the Accumulator
and the ALU. Certain internal registers are implemented in the Data Memory and can be directly or
indirectly addressed. The simple addressing methods of these registers along with additional
architectural features ensure that a minimum of external components is required to provide a
functional I/O and A/D control system with maximum reliability and flexibility. This makes the
device suitable for low-cost, high-volume production for controller applications.
Clocking and Pipelining
The main system clock, derived from either a HXT, LXT, HIRC, LIRC, EC or ERC oscillator is
subdivided into four internally generated non-overlapping clocks, T1~T4. The Program Counter is
incremented at the beginning of the T1 clock during which time a new instruction is fetched. The
remaining T2~T4 clocks carry out the decoding and execution functions. In this way, one T1~T4
clock cycle forms one instruction cycle. Although the fetching and execution of instructions takes
place in consecutive instruction cycles, the pipelining structure of the microcontroller ensures that
instructions are effectively executed in one instruction cycle. The exception to this are instructions
where the contents of the Program Counter are changed, such as subroutine calls or jumps, in which
case the instruction will take one more instruction cycle to execute.
For instructions involving branches, such as jump or call instructions, two machine cycles are
required to complete instruction execution. An extra cycle is required as the program takes one cycle
to first obtain the actual jump or call address and then another cycle to actually execute the branch.
The requirement for this extra cycle should be taken into account by programmers in timing
sensitive applications.
Fe tc h In st . ( PC )
Ex ec ut e In st . (P C- 1)
Fe tc h In st . (P C+ 1)
Ex ec ut e In st . (P C)
Fe tc h In st . (P C+ 2)
Ex ec ut e In st . (P C+ 1)
PC
PC +1
PC +2
f SY S
(S yst em C lo ck)
P has e Cl o ck T1
Pr ogr am C oun te r
P has e Cl o ck T2
P has e Cl o ck T3
P has e Cl o ck T4
Pi pe lin in g
System Clocking and Pipelining



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com