Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT67F40 Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT67F40
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F40 Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT67F40 Datasheet HTML 12Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 13Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 14Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 15Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 16Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 17Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 18Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 19Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 20Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 242 page
background image
Rev. 1.50
16
March 06 , 2012
Rev. 1.50
17
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
Pin Name
Function
OP
I/T
O/T
Pin-Shared Mapping
VMAX
IC maximum voltage,
connect to VDD, VLCD1
or V1
—
PWR
—
—
V1,V2,C1,C2
LCD voltage pump
—
—
—
—
SEG0~7
LCD segment output
—
—
CMOS
PD0~PD7
SEG8~15
LCD segment output
—
—
CMOS
PE0~PE7
SEG16~19, 24 LCD segment output
—
—
CMOS
—
COM0~3
LCD common output
—
—
CMOS
—
Note: I/T: Input type; O/T: Output type
OP: Optional by configuration option (CO) or register option
PWR: Power; CO: Configuration option; ST: Schmitt Trigger input
CMOS: CMOS output; NMOS: NMOS output
AN: Analog input pin
HXT: High frequency crystal oscillator
LXT: Low frequency crystal oscillator
*: VDD is the device power supply while AVDD is the ADC power supply. The AVDD pin is
bonded together internally with VDD.
**: VSS is the device ground pin while AVSS is the ADC ground pin. The AVSS pin is
bonded together internally with VSS.
As the Pin Description Summary table applies to the package type with the most pins, not all
of the above listed pins may be present on package types with smaller numbers of pins.
●
HT67F40
Pin Name
Function
OP
I/T
O/T
Pin-Shared Mapping
PA0~PA7
Port A
PAWU
PAPU
ST
CMOS
—
PB0~PB5
Port B
PBPU
ST
CMOS
—
PC0~PC5
Port C
PCPU
ST
CMOS
—
PD0~PD7
Port D
PDPU
ST
CMOS
—
PE0~PE7
Port E
PEPU
ST
CMOS
—
PF0~PF7
Port F
PFPU
ST
CMOS
—
AN0~AN7
ADC input
ACERL
AN
—
PA0~PA7
VREF
ADC reference input
ADCR1
AN
—
PB5
C0-, C1-
Comparator 0, 1 input
CP0C
CP1C
AN
—
PA3, PC3
C0+, C1+
Comparator 0, 1 input
CP0C
CP1C
AN
—
PA2, PC2
C0X, C1X
Comparator 0, 1 output
CP0C
CP1C
PRM0
—
CMOS
PA0, PA5 or PE2,PE6
or PE3, PE7
TCK0~TCK2
TM0~TM2 input
PRM1
ST
—
PA2, PA4, PC2 or PE0,
PE1, PE2
TP0_0, TP0_1
TM0 I/O
TMPC0
PRM2
ST
CMOS PA0, PC5 or PD0, PD1
TP1A
TM1 I/O
TMPC0
PRM2
ST
CMOS
PA1 or PD2
TP1B_0~TP1B_2 TM1 I/O
TMPC0
PRM2
ST
CMOS
PC0, PC1, PC5 or
PD3,PD4,PD5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com