Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT95R22 Datasheet(PDF) 14 Page - Holtek Semiconductor Inc

Part # HT95R22
Description  I/O Type Phone 8-bit MCU
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R22 Datasheet(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT95R22 Datasheet HTML 10Page - Holtek Semiconductor Inc HT95R22 Datasheet HTML 11Page - Holtek Semiconductor Inc HT95R22 Datasheet HTML 12Page - Holtek Semiconductor Inc HT95R22 Datasheet HTML 13Page - Holtek Semiconductor Inc HT95R22 Datasheet HTML 14Page - Holtek Semiconductor Inc HT95R22 Datasheet HTML 15Page - Holtek Semiconductor Inc HT95R22 Datasheet HTML 16Page - Holtek Semiconductor Inc HT95R22 Datasheet HTML 17Page - Holtek Semiconductor Inc HT95R22 Datasheet HTML 18Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
HT95R22
Rev. 1.00
14
January 6, 2009
· Z is set if the result of an arithmetic or logical operation
is zero; otherwise Z is cleared.
· OV is set if an operation results in a carry into the high-
est-order bit but not a carry out of the highest-order bit,
or vice versa; otherwise OV is cleared.
· PDF is cleared by a system power-up or executing the
²CLR WDT² instruction. PDF is set by executing the
²HALT² instruction.
· TO is cleared by a system power-up or executing the
²CLR WDT² or ²HALT² instruction. TO is set by a
WDT time-out.
In addition, on entering an interrupt sequence or execut-
ing a subroutine call, the status register will not be
pushed onto the stack automatically. If the contents of
the status registers are important and if the subroutine
can corrupt the status register, precautions must be
taken to correctly save it.
Interrupt Control Register
- INTC0, INTC1
These two 8-bit register, known as the INTC0 and
INTC1 registers, control the operation of both external
and internal timer, interrupts, etc. By setting various bits
within this register using standard bit manipulation in-
structions, the enable/disable function of the external
and timer interrupts can be independently controlled. A
master interrupt bit within this register, the EMI bit, acts
like a global enable/disable and is used to set all of the
interrupt enable bits on or off. This bit is cleared when an
interrupt routine is entered to disable further interrupt
and is set by executing the
²RETI² instruction.
Timer/Event Counter Registers
This device contains two 16-bit Timer/Event Counters,
which have associated register pairs known as TMR0L/
TMR0H and TMR1L/TMR1H. These are the locations
where the timers 16-bit value is located. Two associated
control registers, known as TMR0C and TMR1C, con-
tain the setup information for these two timers.
Input/Output Ports and Control Registers
Within the area of Special Function Registers, the I/O
registers and their associated control registers play a
prominent role. All I/O ports have a designated register
correspondingly labeled as PA, PC and PD. These la-
beled I/O registers are mapped to specific addresses
within the Data Memory as shown in the Data Memory
table, which are used to transfer the appropriate output
or input data on that port. with each I/O port there is an
associated control register labeled PAC, PCC and PDC,
also mapped to specific addresses with the Data Mem-
ory. The control register specifies which pins of that port
are set as inputs and which are set as outputs. To setup
a pin as an input, the corresponding bit of the control
register must be set high, for an output it must be set
low. During program initialization, it is important to first
setup the control registers to specify which pins are out-
puts and which are inputs before reading data from or
writing data to the I/O ports. One flexible feature of these
registers is the ability to directly program single bits us-
ing the
²SET [m].i² and ²CLR [m].i² instructions. The
ability to change I/O pins from output to input and vice
versa by manipulating specific bits of the I/O control reg-
isters during normal program operation is a useful fea-
ture of these devices.
DTMF Registers
- DTMFC, DTMFD
The device contains fully integrated DTMF generator
circuitry for generation of DTMF signals. The DTMF
generator also requires two registers for its operation, a
DTMFC register for its overall control and DTMFD regis-
ter to store the digital codes that are to be generated as
DMTF signals.
Mode Register
- MODE
The device supports two system clock and four opera-
tion modes. The system clock could be 32768Hz or
3.58MHz and operation mode could be Normal, Green,
Sleep or Idle mode. These are all selected by the soft-
ware.
MFIC Register
- MFIC
PC0 could be used to trigger an extra interrupt. It is en-
abled or disabled individually by bit0 of MFIC. When a
multi-function interrupt occurs, the programmer should
check bit4 of MFIC to determine the cause of the interrupt.
RTCC Register
The device contains a Real Time Clock function other-
wise known as the RTC. To control this function a regis-
ter known as the RTCC register is provided which
provides the overall on/off control and time out flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com