Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT95R22 Datasheet(PDF) 24 Page - Holtek Semiconductor Inc

Part # HT95R22
Description  I/O Type Phone 8-bit MCU
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R22 Datasheet(HTML) 24 Page - Holtek Semiconductor Inc

Back Button HT95R22 Datasheet HTML 20Page - Holtek Semiconductor Inc HT95R22 Datasheet HTML 21Page - Holtek Semiconductor Inc HT95R22 Datasheet HTML 22Page - Holtek Semiconductor Inc HT95R22 Datasheet HTML 23Page - Holtek Semiconductor Inc HT95R22 Datasheet HTML 24Page - Holtek Semiconductor Inc HT95R22 Datasheet HTML 25Page - Holtek Semiconductor Inc HT95R22 Datasheet HTML 26Page - Holtek Semiconductor Inc HT95R22 Datasheet HTML 27Page - Holtek Semiconductor Inc HT95R22 Datasheet HTML 28Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
HT95R22
Rev. 1.00
24
January 6, 2009
Interrupt Priority
Interrupts, occurring in the interval between the rising
edges of two consecutive T2 pulses, will be serviced on
the latter of the two T2 pulses, if the corresponding inter-
rupts are enabled. In case of simultaneous requests, the
following table shows the priority that is applied. These
can be masked by resetting the EMI bit.
Interrupt Source
All Devices Priority
Reset
1
External Interrupt
2
Timer 0 Interrupt
3
Timer 1 Interrupt
4
Real Time Clock Interrupt
5
Multi-function Interrupt
6
In cases where both external and internal interrupts are
enabled and where an external and internal interrupt oc-
curs simultaneously, the external interrupt will always
have priority and will therefore be serviced first. Suitable
masking of the individual interrupts using the INTC reg-
ister can prevent simultaneous occurrences.
External Interrupt
For an external interrupt to occur, the global interrupt en-
able bit, EMI, and external interrupt enable bit, EEI,
must first be set. An actual external interrupt will take
place when the external interrupt request flag, EIF, is
set, a situation that will occur when a high to low transi-
tion appears on the INT line. When the interrupt is en-
abled, the stack is not full and a high to low transition
appears on the external interrupt pin, a subroutine call to
the external interrupt vector at location 04H, will take
place. When the interrupt is serviced, the external inter-
rupt request flag, EIF, will be automatically reset and the
EMI bit will be automatically cleared to disable other in-
terrupts.
Timer/Event Counter Interrupt
For a Timer/Event Counter interrupt to occur, the global
interrupt enable bit, EMI, and the corresponding timer
interrupt enable bit, ET0I or ET1I, must first be set. An
actual Timer/Event Counter interrupt will take place
when the Timer/Event Counter request flag, T0F or T1F,
is set, a situation that will occur when the Timer/Event
Counter overflows. When the interrupt is enabled, the
stack is not full and a Timer/Event Counter overflow oc-
curs, a subroutine call to the timer interrupt vector at lo-
cation 08H or 0CH, will take place. When the interrupt is
serviced, the timer interrupt request flag, T0F or T1F, will
be automatically reset and the EMI bit will be automati-
cally cleared to disable other interrupts.
Real Time Clock Interrupt
For a Real Time Clock interrupt to occur, the global inter-
rupt enable bit, EMI, and the corresponding real timer
clock interrupt enable bit, RTCI, must first be set. An ac-
tual Real Time Clock interrupt will take place when the
Real Time Clock request flag, RTCF, is set, a situation
that will occur when the RTC times out which will occur
every second. When the interrupt is enabled, the stack
is not full and a Real Time Clock interrupt request oc-
curs, a subroutine call to the real time clock interrupt
vector at location 14H, will take place. When the inter-
rupt is serviced, the timer interrupt request flag, RTCF,
will be automatically reset and the EMI bit will be auto-
matically cleared to disable other interrupts.
Multi-function Interrupt
For a Multi-function interrupt to occur, the global inter-
rupt enable bit, EMI, and the corresponding
multi-function interrupt enable bit, EMFI, must first be
set. An actual Multi-function interrupt will take place
when the Multi-function interrupt request flag, MFF, is
set, a situation that will occur when PC0. When the inter-
rupt is enabled, the stack is not full and a Multi-function
interrupt request occurs, a subroutine call to the
multi-function interrupt vector at location 18H, will take
place. When the interrupt is serviced, the multi-function
interrupt request flag, MFF, will be automatically reset
and the EMI bit will be automatically cleared to disable
other interrupts.
Programming Considerations
By disabling the interrupt enable bits, a requested inter-
rupt can be prevented from being serviced, however,
once an interrupt request flag is set, it will remain in this
condition in the INTC register until the corresponding in-
terrupt is serviced or until the request flag is cleared by a
software instruction.
It is recommended that programs do not use the
²CALL
subroutine
² instruction within the interrupt subroutine.
Interrupts often occur in an unpredictable manner or
need to be serviced immediately in some applications. If
only one stack is left and the interrupt is not well con-
trolled, the original control sequence will be damaged
once a
²CALL subroutine² is executed in the interrupt
subroutine.
All of these interrupts have the capability of waking up
the processor when in the Power Down Mode. Only the
Program Counter is pushed onto the stack. If the con-
tents of the register or status register are altered by the
interrupt service program, which may corrupt the de-
sired control sequence, then the contents should be
saved in advance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com