Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT95R22 Datasheet(PDF) 33 Page - Holtek Semiconductor Inc

Part # HT95R22
Description  I/O Type Phone 8-bit MCU
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R22 Datasheet(HTML) 33 Page - Holtek Semiconductor Inc

Back Button HT95R22 Datasheet HTML 29Page - Holtek Semiconductor Inc HT95R22 Datasheet HTML 30Page - Holtek Semiconductor Inc HT95R22 Datasheet HTML 31Page - Holtek Semiconductor Inc HT95R22 Datasheet HTML 32Page - Holtek Semiconductor Inc HT95R22 Datasheet HTML 33Page - Holtek Semiconductor Inc HT95R22 Datasheet HTML 34Page - Holtek Semiconductor Inc HT95R22 Datasheet HTML 35Page - Holtek Semiconductor Inc HT95R22 Datasheet HTML 36Page - Holtek Semiconductor Inc HT95R22 Datasheet HTML 37Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
HT95R22
Rev. 1.00
33
January 6, 2009
DTMF Frequency Selection Table
Low Group
High Group
DTMF Output
Code
TR4
TR3
TR2
TR1
TC4
TC3
TC2
TC1
Low
High
0001000
1
697
1209
1
0001001
0
697
1336
2
0001010
0
697
1477
3
0001100
0
697
1633
A
0010000
1
770
1209
4
0010001
0
770
1336
5
0010010
0
770
1477
6
0010100
0
770
1633
B
0100000
1
852
1209
7
0100001
0
852
1336
8
0100010
0
852
1477
9
0100100
0
852
1633
C
1000000
1
941
1209
*
1000001
0
941
1336
0
1000010
0
941
1477
#
1000100
0
941
1633
D
Single tone for testing only
0001000
0
697
x
x
0010000
0
770
x
x
0100000
0
852
x
x
1000000
0
941
x
x
0000000
1
x
1209
x
0000001
0
x
1336
x
0000010
0
x
1477
x
0000100
0
x
1633
x
Writing other values to TR4~TR1, TC4~TC1 may generate an unpredictable tone.
1 / 2 V D D
T O N E = 1
A l l t h e t i m i n g o f t h e T O N E = 1 a n d T O N E = 0 a r e d e t e r m i n e d b y s o f t w a r e
T O N E = 0
T O N E = 1
T O N E = 0
T O N E = 1
T O N E = 0
D _ P D W N = 0
D _ P D W N = 1
DTMF Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com