Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT95R22 Datasheet(PDF) 32 Page - Holtek Semiconductor Inc

Part # HT95R22
Description  I/O Type Phone 8-bit MCU
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R22 Datasheet(HTML) 32 Page - Holtek Semiconductor Inc

Back Button HT95R22 Datasheet HTML 28Page - Holtek Semiconductor Inc HT95R22 Datasheet HTML 29Page - Holtek Semiconductor Inc HT95R22 Datasheet HTML 30Page - Holtek Semiconductor Inc HT95R22 Datasheet HTML 31Page - Holtek Semiconductor Inc HT95R22 Datasheet HTML 32Page - Holtek Semiconductor Inc HT95R22 Datasheet HTML 33Page - Holtek Semiconductor Inc HT95R22 Datasheet HTML 34Page - Holtek Semiconductor Inc HT95R22 Datasheet HTML 35Page - Holtek Semiconductor Inc HT95R22 Datasheet HTML 36Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
HT95R22
Rev. 1.00
32
January 6, 2009
DTMF Generator Frequency Selection
The DTMF pin output is controlled using a combination of the D_PWDN, TONE, TR~TC bits.
2
5
8
0
3
6
9
#
A
B
C
D
R O W 1
R O W 2
R O W 3
R O W 4
C O L 1 C O L 2 C O L 3 C O L 4
1
4
7
*
DTMF Dialing Matrix
D T M F D
b 7
b 0
H i g h g r o u p ( c o l u m n ) t o n e f r e q u e n c y s e l e c t
L o w g r o u p ( r o w ) t o n e f r e q u e n c y s e l e c t
T R 4
T R 3
T R 2
T R 1
T C 4
T C 3
T C 2
T C 1
DTMF Generator Data Register
Control Register Bits
DTMF Pin Output Status
D_PWDN
TONE
TR4~TR1/TC4~TC1
1x
x
0
0
0
x
1/2 VDD
0
1
0
1/2 VDD
0
1
Any valid value
16 dual tones or 8 signal tones, bias at 1/2 VDD
Output Frequency (Hz)
% Error
Specified
Actual
697
699
+0.29%
770
766
-0.52%
852
847
-0.59%
941
948
+0.74%
1209
1215
+0.50%
1336
1332
-0.30%
1477
1472
-0.34%
% Error does not contain the crystal frequency shift



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com