Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA2011 Datasheet(PDF) 9 Page - Protek Devices

Part # PA2011
Description  Low RDSON SPDT Analog Switch.
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA2011 Datasheet(HTML) 9 Page - Protek Devices

  PA2011 Datasheet HTML 1Page - Protek Devices PA2011 Datasheet HTML 2Page - Protek Devices PA2011 Datasheet HTML 3Page - Protek Devices PA2011 Datasheet HTML 4Page - Protek Devices PA2011 Datasheet HTML 5Page - Protek Devices PA2011 Datasheet HTML 6Page - Protek Devices PA2011 Datasheet HTML 7Page - Protek Devices PA2011 Datasheet HTML 8Page - Protek Devices PA2011 Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (602) 431-2288
www.protekanalog.com
9
PA2011
Low RDSON SPDT Analog Switch.
95040 Rev.3. 10/11
NOT FOR USE IN LIFE SUPPORT SYSTEMS
Package Outline and Dimensions SC70-6 Lead
Dim
MILLIMETERS
INCHES
MIN
MAX
MIN
MAX
A
1.90
2.15
0.074
0.084
B
1.15
1.35
0.045
0.055
C
0.80
1.00
0.031
0.040
D
0.15
0.30
0.006
0.012
E
0.65 BSC
0.0255 BSC
F
1.30 BSC
0.0512 BSC
G
0.80
1.10
0.031
0.043
J
0.08
0.25
0.003
0.010
K
2.00
2.20
0.078
0.086
L
0
0.10
0
0.004
M
0.26
0.46
0.010
0.018
LAND PATTERN
1
0.50
0.020
2
1.30
0.051
3
0.65
0.026
4
1.72
0.068
5
0.60
0.024
6
1.11
0.044
7
2.33
0.092
Tape and Reel Specifications (Dimensions in mm)
Reel Dia
A0
B0
K0
D
E
F
W
P0
P2
P
t-max
178 (7”)
2.25±0.10
2.34±0.10
1.22±0.10
1.50±0.10
1.75±0.10
3.50±0.05
8.00±0.30
4.00±0.10
2.00±0.05
4.00±0.10
0.25
Life Support Policy
PROTEK
ANALOG'S
PRODUCTS
ARE
NOT AUTHORIZED
FOR
USE
AS
CRITICAL
COMPONENTS
IN
LIFE
SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF
PROTEK DEVICES.
G
C
B
M
L
0°-8°
J
4
3
2
1
7
6
5
Top View
Side View
End View
Recommended Land Pattern
P0
P2
D
A0
B0
P
E
F
W
Pin 1
indicated
by Dot
K0
Top cover tape
t
10 Pitches Cumulative
Tolerance on Tape± 0.2
E
D
K
F
A
3
1
6
4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com