Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA2011 Datasheet(PDF) 2 Page - Protek Devices

Part # PA2011
Description  Low RDSON SPDT Analog Switch.
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA2011 Datasheet(HTML) 2 Page - Protek Devices

  PA2011 Datasheet HTML 1Page - Protek Devices PA2011 Datasheet HTML 2Page - Protek Devices PA2011 Datasheet HTML 3Page - Protek Devices PA2011 Datasheet HTML 4Page - Protek Devices PA2011 Datasheet HTML 5Page - Protek Devices PA2011 Datasheet HTML 6Page - Protek Devices PA2011 Datasheet HTML 7Page - Protek Devices PA2011 Datasheet HTML 8Page - Protek Devices PA2011 Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (602) 431-2288
www.protekanalog.com
2
PA2011
Low RDSON SPDT Analog Switch.
95040 Rev.3. 10/11
NOT FOR USE IN LIFE SUPPORT SYSTEMS
Absolute Maximum Ratings TA = 25 °C, unless otherwise noted
Parameter
Limit
Unit
Reference V+ to Ground
-0.3 to 4.2
V
IN, COM, NC, NO
1
-0.3 to (Vcc+ 0.3V)
Continuous Current (NO,NC,COM pins)
±150
mA
Peak Current (Pulsed at 1mS, 10% duty cycle)
±300
Storage Temperature
-65 to +150
°C
Power Dissipation
172
mW
Notes
1. Signals on NC, NO, or COM or IN exceeding V+ will be clamped by internal diodes. Limit forward diode current to maximum current ratings
Specifications V+ = 2.0V Test Conditions unless otherwise specified: V+ = 2.0 V, VIN = 0.4 V or 1.6 V
Parameter
Symbol
Test Conditions
Temp
Min
Typ
Max
Unit
Analog Switch
Analog Signal Range
VNO,VNC,
VCOM
Full
0.0
VCC
V
On-Resistance
RON
VCC = 2.0V, VCOM = 0.2V- 0.9V
INO , INC = 20mA,
Room
Full
3.5
5.5
5.5
Ω
Switch Off Leakage
Current
IOFF(NO) or
IOFF(NC)
V+ = 2.2 V,
VNO, VNC= 0.5 V/1.5 V, VCOM = 1.5 V/0.5 V
Room
Full
-1
-10
-1
-10
nA
ICOM(OFF)
V+ = 2.2 V,
VNO, VNC= 0.5 V/1.5 V, VCOM = 1.5 V/0.5 V
Room
Full
-1
-10
-1
-10
Channel On
Leakage Current
ICOM(ON)
V+ = 2.2 V, VNO, VNC = VCOM = 0.5 V/1.5 V
Room
Full
-1
-10
-1
-10
Digital Control
Input High Voltage
VINH
Full
1.5
VnA
Input Low Voltage
VINL
Full
0.4
Input Capacitance
Cin
Full
4
pF
Input Current
IINL or IINH
VIN = 0 or V+
Full
1
1
µA
Dynamic Characteristics
Turn On Time
tON
VNO or VNC = 1.5 V, RL = 300 , CL = 35 pF
Room
Full
75
110
113
nS
Turn Off Time
tOFF
Room
Full
37
71
76
Break Before Make
Time
tBBM
Room
Full
37
Charge Injection
QINJ
Room
7
pC
Off Isolation
OIRR
Room
-62
dB
Crosstalk
XTALK
Room
-69
NO, NC OFF
Capacitance
CNO(off)
CNC(off)
Room
29
pF
Chanel On
Capacitance
CON
Room
85
Power Supply
Positive Supply
Range
V+
VIN = 0 or V+
1.8
3.3
V
Negative Supply
Current
I+
0.01
1.0
µA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com