Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA2011 Datasheet(PDF) 4 Page - Protek Devices

Part # PA2011
Description  Low RDSON SPDT Analog Switch.
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA2011 Datasheet(HTML) 4 Page - Protek Devices

  PA2011 Datasheet HTML 1Page - Protek Devices PA2011 Datasheet HTML 2Page - Protek Devices PA2011 Datasheet HTML 3Page - Protek Devices PA2011 Datasheet HTML 4Page - Protek Devices PA2011 Datasheet HTML 5Page - Protek Devices PA2011 Datasheet HTML 6Page - Protek Devices PA2011 Datasheet HTML 7Page - Protek Devices PA2011 Datasheet HTML 8Page - Protek Devices PA2011 Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (602) 431-2288
www.protekanalog.com
4
PA2011
Low RDSON SPDT Analog Switch.
95040 Rev.3. 10/11
NOT FOR USE IN LIFE SUPPORT SYSTEMS
0
1
2
3
4
5
6
VCOM – Analog Voltage (V)
V+ = 3.0 V
IS = 50 mA
6
5
T = 25 °C
6
5
A: 85 °C
B: 25 °C
C: - 40 °C
4
3
V+ = 2.0 V
IS = 20 mA
4
3
V+ = 2.0 V
IS = 20 mA
A
B
C
V+ = 3.0 V
IS = 50 mA
2
1
V+ = 3.0 V
IS = 50 mA
V+ = 3.3 V
IS = 100 mA
2
1
A
B
C
V+ = 3.3 V
IS = 100 mA
A
B
C
0
0
1
2
3
4
VCOM – Analog Voltage (V)
5
6
0
rON vs. VCOM and Supply Voltage
rON vs. Analog Voltage and Temperature
10000
1000
V+ = 3.3 V
VIN = 0 V
10 mA
1 mA
100 µA
V+ = 3.3 V
100
10 µA
1 µA
100 nA
10
10 nA
1 nA
1
- 60
- 40
- 20
0
20
40
60
80
100
Temperature (°C)
Supply Current vs. Temperature
100 pA
100
1 k
10 k
100 k
1 M
10 M
100 M
Input Switching Frequency (Hz)
Supply Current vs. Input Switching Frequency
10000
V+ = 3.3 V
250
200
V+ = 3.3 V
1000
100
10
ICOM(off)
ION(off)/INC(off)
ICOM( on)
150
100
50
0
- 50
- 100
- 150
ICOM(on)
ION(off)/INC(off)
ICOM(off)
1
- 60
- 40
- 20
0
20
40
60
80
100
Temperature (°C)
Leakage Current vs. Temperature
- 200
- 250
0
1
2
3
4
5
VCOM, VNO, VNC, – Analog Voltage (V)
Leakage vs. Analog Voltage
Typical Characteristics TA = 25 °C, unless otherwise noted



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com