Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA2011 Datasheet(PDF) 1 Page - Protek Devices

Part # PA2011
Description  Low RDSON SPDT Analog Switch.
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA2011 Datasheet(HTML) 1 Page - Protek Devices

  PA2011 Datasheet HTML 1Page - Protek Devices PA2011 Datasheet HTML 2Page - Protek Devices PA2011 Datasheet HTML 3Page - Protek Devices PA2011 Datasheet HTML 4Page - Protek Devices PA2011 Datasheet HTML 5Page - Protek Devices PA2011 Datasheet HTML 6Page - Protek Devices PA2011 Datasheet HTML 7Page - Protek Devices PA2011 Datasheet HTML 8Page - Protek Devices PA2011 Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (602) 431-2288
www.protekanalog.com
1
PA2011
Low RDSON SPDT Analog Switch.
95040 Rev.3. 10/11
NOT FOR USE IN LIFE SUPPORT SYSTEMS
IN
V+
GND
DFN-6
Top View
1
2
3
6
5
4
NO (Source1)
COM
NC (Source2)
IN
V+
GND
1
2
3
SC70-6
Top View
6
5
4
NO (Source1)
COM
NC (Source2)
Features
• Low Voltage Operation (1.8 V to 3.3 V)
• Low On-Resistance - rON: 1.8  at 2.7 V
• Low Charge Injection
• Low Voltage Logic Compatible
• DFN-6 Package or SC70-6 Package
Benefits
• Reduced Power Consumption
• Simple Logic Interface
• High Accuracy
• Reduce Board Space
• Guaranteed 2 V Operation
Applications
• Cellular Phones
• Communication Systems
• Portable Test Equipment
• Battery Operated Systems
• Sample and Hold Circuits
• ADC and DAC Applications
• USB 1.1 Interfaces
Truth Table
Logic
NC
NO
0
ON
OFF
1
OFF
ON
Description
The PA2011 is a low on-resistance, single-pole double-
throw monolithic CMOS analog switch. It is designed for low
voltage applications with guaranteed operation at 2 V.
The PA2011 is ideal for portable and battery powered
equipment, requiring high performance and efficient use of
board space. In additional to the low on-resistance (1.8
 at
2.7 V), charge injection is less than 10 pC over the entire
analog range.
The switch conducts equally well in both directions when on,
and blocks up to the power supply level when off.
Break-before-make is guaranteed.
The PA2011 is mounted in a 1.6 x 1.6 mm DFN-6 or SC70-6
lead package, reducing board spacing by approximately 40 %
Pin Configuration
Typical Application
Ordering information
Temp. Range
Package
Part Number
-40 to 85 °C
DFN-6
PA2011DN-T7
SC70-6
PA2011SC-T7
SC70-6
PA2011SC-T13
PA2011
PA2011
Hands
Free
Mic
Spkr
Internal
Mic
Spkr
Display
µP
with soft Modem
Audio
Codec & ASIC
Mic.
Pre-Amp
Audio
Amplifier


Similar Part No. - PA2011

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PA2011 PROTEC-PA2011 Datasheet
275Kb / 8P
Low-Voltage, Low RON, Single SPDT Analog Switch.
PA2011-LF-T7 PROTEC-PA2011-LF-T7 Datasheet
275Kb / 8P
Low-Voltage, Low RON, Single SPDT Analog Switch.
PA2011-T7 PROTEC-PA2011-T7 Datasheet
275Kb / 8P
Low-Voltage, Low RON, Single SPDT Analog Switch.
More results

Similar Description - PA2011

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PA2157 PROTEC-PA2157 Datasheet
207Kb / 8P
Low RDSON SPDT Analog Switch
logo
Global Mixed-mode Techn...
G3201 GMT-G3201 Datasheet
165Kb / 1P
Low-Voltage SPDT Analog Switch
logo
Union Semiconductor, In...
UM3157 UNIONSEMI-UM3157 Datasheet
350Kb / 8P
Low-Voltage SPDT Analog Switch
UM3156 UNIONSEMI-UM3156 Datasheet
390Kb / 9P
Low-Voltage SPDT Analog Switch
logo
SG Micro Corp
SGM4684 SGMICRO-SGM4684_15 Datasheet
338Kb / 11P
SPDT Analog Switch
SGM5018 SGMICRO-SGM5018_15 Datasheet
338Kb / 11P
SPDT Analog Switch
logo
Union Semiconductor, In...
UM3156 UNIONSEMI-UM3156_14 Datasheet
273Kb / 9P
Low-Voltage SPDT Analog Switch
UM3157 UNIONSEMI-UM3157_14 Datasheet
270Kb / 8P
Low-Voltage SPDT Analog Switch
logo
ON Semiconductor
FSA4157 ONSEMI-FSA4157 Datasheet
376Kb / 13P
Low-Voltage, SPDT Analog Switch
March 2014 Rev. 1.1.1
FSA5157 ONSEMI-FSA5157 Datasheet
502Kb / 14P
Low-Voltage SPDT Analog Switch
February 2008 Rev. 1.0.3
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com