Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA5155 Datasheet(PDF) 11 Page - Protek Devices

Part # PA5155
Description  Low Power Stereo Audio CODEC With Headphone Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA5155 Datasheet(HTML) 11 Page - Protek Devices

Back Button PA5155 Datasheet HTML 7Page - Protek Devices PA5155 Datasheet HTML 8Page - Protek Devices PA5155 Datasheet HTML 9Page - Protek Devices PA5155 Datasheet HTML 10Page - Protek Devices PA5155 Datasheet HTML 11Page - Protek Devices PA5155 Datasheet HTML 12Page - Protek Devices PA5155 Datasheet HTML 13Page - Protek Devices PA5155 Datasheet HTML 14Page - Protek Devices PA5155 Datasheet HTML 15Page - Protek Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (480) 747-1715
www.protekanalog.com
PA5155
Low Power Stereo Audio CODEC
With Headphone Amplifier
95244 Rev.0. 01/10
NOT FOR USE IN LIFE SUPPORT SYSTEMS
1F
SHV2_B[23:16]
F7
20
SHV2_B[15:8]
FD
21
SHV2_B[7:0]
FF
22
Shelving3_A
SHV3_A[29:24]
1F
23
SHV3_A[23:16]
F7
24
SHV3_A[15:8]
FD
25
SHV3_A[7:0]
FF
26
Shelving3_B
SHV3_B[29:24]
1F
27
SHV3_B[23:16]
F7
28
SHV3_B[15:8]
FD
29
SHV3_B[7:0]
FF
2A
Digital
Audio
I/F
Setting
Digital Interface
DACFORMAT
DACLRSWP
DACLRP
DACWL
00
2B
Digital Interface
MCLKDIV2
SCLKINV
FSMODE
DACMSC
01
2C
Sample Rate
DACSR
06
2D
SCLK Divider
SCLKDIV
00
2E
Reference
Setting
Reset
RST_CP
00
2F
Power Down
PDN_ANA
PDN_DIG
PDN_FSM
PDN_DLL
0C
30
Reference
SEQEN
00
31
Reference
ENREFR
VROI
VMIDSEL
VMIDLOW
28
32
Reference
PDN_VREFGENPDN_IBIASGEN LP_DACVRP
LP_VREFBUF PDN_VREFBUF VREFR_LO
34
33
Reference
IBIASSW
VSEL
FC
34
Reference
MOUT_REF2
MOUT_REF1
OUT3_REF2
OUT3_REF1
OUT2_REF2
OUT2_REF1
OUT1_REF2 OUT1_REF1
55
35
Reference
MONO_REF2
MONO_REF1
MIX_REF2
MIX_REF1
05
36
PLL
Setting
PLL Control
pdn
cp2
cp1
cp0
SupSel1
SupSel0
kvco1
kvco0
08
37
PLL Control
LP
MCLKSEL
PLLOUT_DIV2
PLL_RB
PLL_EN
00
38
PLL Control
DITH_MAG
PLL_N
00
39
PLL Control
PLL_K[21:16]
00
3A
PLL Control
PLL_K[15:8]
00
3B
PLL Control
PLL_K[7:0]
00
Adr
Name
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
default
0
Output
Setting
LOUT1 Volume
LP_OUT1
PDN_LOUT1
LOUT1VOL
40
1
ROUT1 Volume
PDN_ROUT1
ROUT1VOL
40
2
LOUT2 Volume
LP_OUT2
PDN_LOUT2
LOUT2VOL
40
3
ROUT2 Volume
PDN_ROUT2
ROUT2VOL
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com