Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA5155 Datasheet(PDF) 16 Page - Protek Devices

Part # PA5155
Description  Low Power Stereo Audio CODEC With Headphone Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA5155 Datasheet(HTML) 16 Page - Protek Devices

Back Button PA5155 Datasheet HTML 12Page - Protek Devices PA5155 Datasheet HTML 13Page - Protek Devices PA5155 Datasheet HTML 14Page - Protek Devices PA5155 Datasheet HTML 15Page - Protek Devices PA5155 Datasheet HTML 16Page - Protek Devices PA5155 Datasheet HTML 17Page - Protek Devices PA5155 Datasheet HTML 18Page - Protek Devices PA5155 Datasheet HTML 19Page - Protek Devices PA5155 Datasheet HTML 20Page - Protek Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (480) 747-1715
www.protekanalog.com
PA5155
Low Power Stereo Audio CODEC
With Headphone Amplifier
95244 Rev.0. 01/10
NOT FOR USE IN LIFE SUPPORT SYSTEMS
111
– -15 dB (default)
MI2LOMU
3
1
– mute microphone in to left out mixer (default)
0
– not mute
MI2LOVOL
2:0
Microphone in to left out mixer volume control
000
– 6 dB
001
– 3 dB
010
– 0 dB
011
– -3 dB
100
– -6 dB
101
– -9 dB
110
– -12 dB
111
– -15 dB (default)
Register 8
– Right Mixer, Default 1111 1111
Bit Name
Bit
Description
MI2ROMU
7
1
–mute microphone in to right out mixer (default)
0
– not mute
MI2ROVOL
6:4
Microphone in to right out mixer volume control
000
– 6 dB
001
– 3 dB
010
– 0 dB
011
– -3 dB
100
– -6 dB
101
– -9 dB
110
– -12 dB
111
– -15 dB (default)
RI2ROMU
3
1
– mute right line in to right out mixer (default)
0
– not mute
RI2ROVOL
2:0
Right line in to rights out mixer volume control
000
– 6 dB
001
– 3 dB
010
– 0 dB
011
– -3 dB
100
– -6 dB
101
– -9 dB
110
– -12 dB
111
– -15 dB (default)
Register 9
– Mono Mixer, Default 1111 1111
Bit Name
Bit
Description
LI2MOMU
7
1
– mute left line in to mono out mixer (default)
0
– not mute
LI2MOVOL
6:4
Left line in to mono out mixer volume control
000
– 6 dB
001
– 3 dB
010
– 0 dB
011
– -3 dB
100
– -6 dB
101
– -9 dB
110
– -12 dB
111
– -15 dB (default)
RI2MOMU
3
1
– mute right line in to mono out mixer (default)
0
– not mute
RI2MOVOL
2:0
Right line in to mono out mixer volume control
000
– 6 dB
001
– 3 dB
010
– 0 dB
011
– -3 dB
100
– -6 dB
101
– -9 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com