Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA5155 Datasheet(PDF) 2 Page - Protek Devices

Part # PA5155
Description  Low Power Stereo Audio CODEC With Headphone Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA5155 Datasheet(HTML) 2 Page - Protek Devices

  PA5155 Datasheet HTML 1Page - Protek Devices PA5155 Datasheet HTML 2Page - Protek Devices PA5155 Datasheet HTML 3Page - Protek Devices PA5155 Datasheet HTML 4Page - Protek Devices PA5155 Datasheet HTML 5Page - Protek Devices PA5155 Datasheet HTML 6Page - Protek Devices PA5155 Datasheet HTML 7Page - Protek Devices PA5155 Datasheet HTML 8Page - Protek Devices PA5155 Datasheet HTML 9Page - Protek Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (480) 747-1715
www.protekanalog.com
PA5155
Low Power Stereo Audio CODEC
With Headphone Amplifier
95244 Rev.0. 01/10
NOT FOR USE IN LIFE SUPPORT SYSTEMS
28-PIN QFN AND PIN DESCRIPTIONS
PIN
NAME
I/O
DESCRIPTION
1
MCLK
I
Master clock
2
DVDD
Supply
Digital core supply
3
PVDD
Supply
Digital IO supply
4
DGND
Supply
Digital ground (return path for both DVDD and PVDD)
5
SCLK
I/O
Audio data bit clock
6
DSDIN
I
DAC audio data
7
DLRCK
I/O
DAC audio data left and right clock
8
GND
Supply
Ground or no connect
9
MOUT
O
Mono output
10
OUT3
O
Analog output 3 (can be used as headphone pseudo ground)
11
ROUT1
O
Right output 1 (line or speaker/headphone)
12
LOUT1
O
Left output 1 (line or speaker/headphone)
13
HPGND
Supply
Ground for analog output drivers (LOUT1/2, ROUT1/2)
14
ROUT2
O
Right output 2 (line or speaker/headphone)
15
LOUT2
O
Left output 2 (line or speaker/headphone)
16
HPVDD
Supply
Supply for analog output drivers (LOUT1/2, ROUT1/2)
17
AVDD
Supply
Analog supply
18
AGND
Supply
Analog ground
19
VREF
O
Decoupling capacitor
20
VMID
O
Decoupling capacitor
21
MONO-
I
Mono input (negative side)
22
MONO+
I
Mono input (positive side)
23
RIN
I
Right channel input
24
LIN
I
Left channel input
25
NU
Not used by chip (arbitrary connection)
26
CE
I
Control select or device address selection
27
CDATA
I/O
Control data input or output
28
CCLK
I
Control clock input
MONO-
VMID
VREF
AGND
AVDD
HPVDD
LOUT2
21
20
19
18
17
16
15
MCLK
DVDD
PVDD
DGND
SCLK
DSDIN
DLRCK
1
2
3
4
5
6
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com