Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA5155 Datasheet(PDF) 3 Page - Protek Devices

Part # PA5155
Description  Low Power Stereo Audio CODEC With Headphone Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA5155 Datasheet(HTML) 3 Page - Protek Devices

  PA5155 Datasheet HTML 1Page - Protek Devices PA5155 Datasheet HTML 2Page - Protek Devices PA5155 Datasheet HTML 3Page - Protek Devices PA5155 Datasheet HTML 4Page - Protek Devices PA5155 Datasheet HTML 5Page - Protek Devices PA5155 Datasheet HTML 6Page - Protek Devices PA5155 Datasheet HTML 7Page - Protek Devices PA5155 Datasheet HTML 8Page - Protek Devices PA5155 Datasheet HTML 9Page - Protek Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
ANALOG PRODUCTS DIVISION
561 E. Elliot Road #175 Chandler, AZ 85225 Tel: (480) 539-2900. Fax: (480) 747-1715
www.protekanalog.com
PA5155
Low Power Stereo Audio CODEC
With Headphone Amplifier
95244 Rev.0. 01/10
NOT FOR USE IN LIFE SUPPORT SYSTEMS
ABSOLUTE MAXIMUM RATINGS
Supply
Voltage …………………………. MIN-0.3V MAX +5.0V
Input Voltage ………………… MIN GND-0.3V MAX VDD+0.3V
Operating Temperature………………..MIN -40°C MAX +85°C
Storage Temperature…………………MIN -65°C MAX +150°C
Note: Continuous operation at or beyond these conditions may
permanently damage the device.
RECOMMENDED OPERATING CONDITIONS
Analog Supply
Voltage ……………….… MIN 1.7V MAX 3.6V
Digital Supply Voltage
………………….. MIN 1.5V MAX 3.6V
DAC ANALOG AND FILTER CHARACTERISTICS AND SPECIFICATIONS
Test conditions are as the following unless otherwise specify:
AVDD=+3.3V, DVDD=+1.8V, AGND=0V, DGND=0V, Ambient temperature=+25 C, Fs=48 KHz, 96 KHz or 192 KHz, MCLK/LRCK=256.
PARAMETER
MIN
TYP
MAX
UNIT
DAC Performance
Dynamic Range (Note 1)
83
96
98
dB
THD+N
-85
-83
-75
dB
Channel Separation (1KHz)
80
85
90
dB
Signal to Noise ratio
83
96
98
dB
Inter-channel Gain Mismatch
0.05
dB
Filter Frequency Response
– Single Speed
Passband
0
0.4535
Fs
Stopband
0.5465
Fs
Passband Ripple
±0.05
dB
Stopband Attenuation
40
dB
Filter Frequency Response
– Double Speed
Passband
0
0.4167
Fs
Stopband
0.5833
Fs
Passband Ripple
±0.005
dB
Stopband Attenuation
40
dB
De-emphasis Error at 1 KHz (Single Speed Mode Only)
Fs = 32KHz
Fs = 44.1KHz
Fs = 48KHz
0.002
0.013
0.0009
dB
Analog Output
Full Scale Output Level
AVDD/3.3
Vrms
Note
1. The value is measured used A-weighted filter.
POWER CONSUMPTION CHARACTERISTICS
PARAMETER
MIN
TYP
MAX
UNIT
Normal Operation Mode
DVDD=1.8V, AVDD=1.8V:
Play back
DVDD=3.3V, AVDD=3.3V:
Play back
7
31
mW
Power Down Mode
DVDD=1.8V, AVDD=1.8V
DVDD=3.3V, AVDD=3.3V
0.3
1.9
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com