Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WIS2269N8 Datasheet(PDF) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WIS2269N8
Description  Current Mode PWMController
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WIS2269N8 Datasheet(HTML) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WIS2269N8 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WIS2269N8 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WIS2269N8 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WIS2269N8 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WIS2269N8 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WIS2269N8 Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WIS2269N8 Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd WIS2269N8 Datasheet HTML 8Page - Shenzhen Winsemi Microelectronics Co., Ltd WIS2269N8 Datasheet HTML 9Page - Shenzhen Winsemi Microelectronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
WIS2269N8
WIS2269N8
WIS2269N8
WIS2269N8
Copyright@Winsemi Microelectronics Co., Ltd., All right reserved.
Current
Current
Current
Current Mode
Mode
Mode
Mode PWM
PWM
PWM
PWM Controller
Controller
Controller
Controller
FEATURES
Burst Mode function
Low startup current (6.5uA)
Low operating current (2.3mA)
Built-edge blanking
Built-in synchronized slope compensation
Current mode
External Programmable PWM Switching Frequency
By-cycle current limit protection (OCP)
VDD over-voltage clamping protection
Low voltage shut down function (UVLO)
Gate Drive Output Voltage Clamp (18V)
Frequency jitter feature
Constant output power limit
Overload protection (OLP)
Work does not produce audio noise
APPLICATIONS
Offline AC/DC flyback converter for
Power Adaptor
Open-frame SMPS
Battery Charger
Set-Top Box Power Supplies
TYPICAL APPLICATION
GERNERAL DESCRIPTION
WIS2269 is a highly integrated, high performance current
mode PWM controller chip. Apply to the power adapter and
other small and medium-power switch power supply.
In order to reduce standby power consumption to meet the
higher
standards
of
environmental
protection,
the
chip
provides a pulse mode (Burst Mode) function, very low starting
current and operating current. Pulse mode that is in the light
load or no load conditions, WIS2269 can linearly decrease the
switching frequency chip, thereby reducing switching loss; by
optimizing the design, WIS2269 has a very low starting current
and operating current, is not only beneficial to start the circuit
design, and the start circuit can be used in high-value startup
resistor,
to
reduce
power
consumption,
improve
power
conversion efficiency.
WIS2269 built-in synchronized slope compensation circuit,
to prevent the PWM controller when working in high-duty cycle
may have harmonic oscillation. WIS2269 side in the current
sample input pin edge blanking function built in, can effectively
remove the current feedback signal of the glitch. Help to
reduce the number of external components, reducing overall
system cost.
WIS2269
offers
a
variety
of
comprehensive
resume
protection mode, including:-by-cycle current limit protection
(OCP),
over-load
protection
(OLP),
VDD
over-voltage
clamping voltage and low voltage closed (UVLO). Which, in
order to better protect the external MOSFET power transistor,
the gate drive output voltage is clamped at 18V.
WIS2269 the totem pole gate drive output using a frequency
jitter control technology and soft-switching technology, can be
very good to improve EMI performance switching power
supply system. By optimizing the design, when the chip's
operating frequency less than 20KHz circumstances, the
audio energy can be reduced to a minimum. Therefore, the
audio can get greatly improved noise performance.
WIS2269-chip can be used as RCC-mode power supply
linear power supply or the best alternative to enhance the
overall performance of switching power supply system, and
effectively reduce the system cost.
WIS2269
WIS2269
WIS2269
WIS2269
TL431
Rev. A Mar.2010
P02-1


Similar Part No. - WIS2269N8

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
WISE-1020 ADVANTECH-WISE-1020 Datasheet
839Kb / 2P
Wireless IoT IP Node
WISE-1020 ADVANTECH-WISE-1020 Datasheet
480Kb / 2P
Wireless IoT Node
WISE-1020-0C01E ADVANTECH-WISE-1020-0C01E Datasheet
531Kb / 2P
Wireless IoT Mesh Network Gateway
WISE-1020-0C01E ADVANTECH-WISE-1020-0C01E Datasheet
480Kb / 2P
Wireless IoT Node
WISE-1020-0S01E ADVANTECH-WISE-1020-0S01E Datasheet
531Kb / 2P
Wireless IoT Mesh Network Gateway
More results

Similar Description - WIS2269N8

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
Current-mode PWM controller
August 31, 1994
logo
Elantec Semiconductor
EL2082C ELANTEC-EL2082C Datasheet
357Kb / 16P
Current-Mode Multiplier
logo
List of Unclassifed Man...
AS384X ETC-AS384X Datasheet
155Kb / 20P
Current Mode Controller
AS2842 ETC-AS2842 Datasheet
94Kb / 20P
Current Mode Controller
logo
Intersil Corporation
EL2082 INTERSIL-EL2082 Datasheet
263Kb / 14P
Current Mode Multiplier
January 1996
logo
ON Semiconductor
NCL30080 ONSEMI-NCL30080 Datasheet
258Kb / 21P
Quasi-Resonant Primary Side Current-Mode Side Current-Mode
January, 2013 ??Rev. P0
NCP1253 ONSEMI-NCP1253_12 Datasheet
308Kb / 15P
Current-Mode PWM Current-Mode PWM Power Supplies
January, 2012 ??Rev. 0
logo
Anpec Electronics Corop...
APW7037A ANPEC-APW7037A_08 Datasheet
221Kb / 11P
8-PIN Synchronous Buck PWMController
logo
Sanken electric
SI-8050Y SANKEN-SI-8050Y Datasheet
69Kb / 2P
Current Mode Control Step-Switching Mode
logo
STMicroelectronics
STEVAL-ISA004V1 STMICROELECTRONICS-STEVAL-ISA004V1 Datasheet
65Kb / 4P
Current mode control
28-Nov-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com