Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS090 Datasheet(PDF) 254 Page - Microsemi Corporation

Part # AFS090
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS090 Datasheet(HTML) 254 Page - Microsemi Corporation

Back Button AFS090 Datasheet HTML 250Page - Microsemi Corporation AFS090 Datasheet HTML 251Page - Microsemi Corporation AFS090 Datasheet HTML 252Page - Microsemi Corporation AFS090 Datasheet HTML 253Page - Microsemi Corporation AFS090 Datasheet HTML 254Page - Microsemi Corporation AFS090 Datasheet HTML 255Page - Microsemi Corporation AFS090 Datasheet HTML 256Page - Microsemi Corporation AFS090 Datasheet HTML 257Page - Microsemi Corporation AFS090 Datasheet HTML 258Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 334 page
background image
DC and Power Characteristics
3- 4
R e v ision 2
Table 3-3 • Input Resistance of Analog Pads
Pads
Pad Configuration
Prescaler Range
Input Resistance to Ground
AV, AC
Analog Input (direct input to ADC)
–
2 k
Ω (typical)
–
> 10 M
Ω
Analog Input (positive prescaler)
+16 V to +2 V
1 M
Ω (typical)
+1 V to +0.125 V
> 10 M
Ω
Analog Input (negative prescaler)
–16 V to –2 V
1 M
Ω (typical)
–1 V to –0.125 V
> 10 M
Ω
Digital input
+16 V to +2 V
1 M
Ω (typical)
Current monitor
+16 V to +2 V
1 M
Ω (typical)
–16 V to –2 V
1 M
Ω (typical)
AT
Analog Input (direct input to ADC)
–
1 M
Ω (typical)
Analog Input (positive prescaler)
+16 V, +4 V
1 M
Ω (typical)
Digital input
+16 V, +4 V
1 M
Ω (typical)
Temperature monitor
+16 V, +4 V
> 10 M
Ω
Table 3-4 • Overshoot and Undershoot Limits 1
VCCI
Average VCCI–GND Overshoot or Undershoot
Duration as a Percentage of Clock Cycle2
Maximum Overshoot/
Undershoot2
2.7 V or less
10%
1.4 V
5%
1.49 V
3.0 V
10%
1.1 V
5%
1.19 V
3.3 V
10%
0.79 V
5%
0.88 V
3.6 V
10%
0.45 V
5%
0.54 V
Notes:
1. Based on reliability requirements at a junction temperature of 85°C.
2. The duration is allowed at one cycle out of six clock cycle. If the overshoot/undershoot occurs at one out of two cycles,
the maximum overshoot/undershoot has to be reduced by 0.15 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com