Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS090 Datasheet(PDF) 257 Page - Microsemi Corporation

Part # AFS090
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS090 Datasheet(HTML) 257 Page - Microsemi Corporation

Back Button AFS090 Datasheet HTML 253Page - Microsemi Corporation AFS090 Datasheet HTML 254Page - Microsemi Corporation AFS090 Datasheet HTML 255Page - Microsemi Corporation AFS090 Datasheet HTML 256Page - Microsemi Corporation AFS090 Datasheet HTML 257Page - Microsemi Corporation AFS090 Datasheet HTML 258Page - Microsemi Corporation AFS090 Datasheet HTML 259Page - Microsemi Corporation AFS090 Datasheet HTML 260Page - Microsemi Corporation AFS090 Datasheet HTML 261Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
R e visio n 2
3 -7
Thermal Characteristics
Introduction
The temperature variable in the Microsemi Designer software refers to the junction temperature, not the
ambient, case, or board temperatures. This is an important distinction because dynamic and static power
consumption will cause the chip's junction temperature to be higher than the ambient, case, or board
temperatures. EQ 1 through EQ 3 give the relationship between thermal resistance, temperature
gradient, and power.
EQ 1
EQ 2
EQ 3
where
θJA = Junction-to-air thermal resistance
θJB = Junction-to-board thermal resistance
θJC = Junction-to-case thermal resistance
TJ
= Junction temperature
TA = Ambient temperature
TB = Board temperature (measured 1.0 mm away from the
package edge)
TC = Case temperature
P
= Total power dissipated by the device
Table 3-6 • Package Thermal Resistance
Product
Die Size
θ
JA
θ
JC
θ
JB
Units
(mm)
Still Air
1.0 m/s
2.5 m/s
AFS090-QN108
X = 3.4; Y = 4.8
34.5
30.0
27.7
8.1
16.7
°C/W
AFS090-QN180
X = 3.4; Y = 4.8
33.3
27.6
25.7
9.2
21.2
°C/W
AFS250-QN180
X = 4.0; Y = 5.6
32.2
26.5
24.7
5.7
15.0
°C/W
AFS250-PQ208
TBD
TBD
TBD
TBD
TBD
TBD
°C/W
AFS600-PQ208
TBD
TBD
TBD
TBD
TBD
TBD
°C/W
AFS090-FG256
X = 3.4; Y = 4.8
37.7
33.9
32.2
11.5
29.7
°C/W
AFS250-FG256
X = 4.0; Y = 5.6
33.7
30.0
28.3
9.3
24.8
°C/W
AFS600-FG256
X = 5.10; Y = 7.3
28.9
25.2
23.5
6.8
19.9
°C/W
AFS1500-FG256
X = 7.62; Y = 9.98
23.3
19.6
18.0
4.3
14.2
°C/W
AFS600-FG484
X = 5.10; Y = 7.3
21.8
18.2
16.7
7.7
16.8
°C/W
AFS1500-FG484
X = 7.62; Y = 9.98
21.6
16.8
15.2
5.6
14.9
°C/W
AFS1500-FG676
TBD
TBD
TBD
TBD
TBD
TBD
°C/W
θ
JA
TJ θA
–
P
------------------
=
θ
JB
TJ TB
–
P
-------------------
=
θ
JC
TJ TC
–
P
-------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com