Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS090 Datasheet(PDF) 255 Page - Microsemi Corporation

Part # AFS090
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS090 Datasheet(HTML) 255 Page - Microsemi Corporation

Back Button AFS090 Datasheet HTML 251Page - Microsemi Corporation AFS090 Datasheet HTML 252Page - Microsemi Corporation AFS090 Datasheet HTML 253Page - Microsemi Corporation AFS090 Datasheet HTML 254Page - Microsemi Corporation AFS090 Datasheet HTML 255Page - Microsemi Corporation AFS090 Datasheet HTML 256Page - Microsemi Corporation AFS090 Datasheet HTML 257Page - Microsemi Corporation AFS090 Datasheet HTML 258Page - Microsemi Corporation AFS090 Datasheet HTML 259Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
R e visio n 2
3 -5
I/O Power-Up and Supply Voltage Thresholds for Power-On Reset
(Commercial and Industrial)
Sophisticated power-up management circuitry is designed into every Fusion device. These circuits
ensure easy transition from the powered off state to the powered up state of the device. The many
different supplies can power up in any sequence with minimized current spikes or surges. In addition, the
I/O will be in a known state through the power-up sequence. The basic principle is shown in Figure 3-1
on page 3-6.
There are five regions to consider during power-up.
Fusion I/Os are activated only if ALL of the following three conditions are met:
1. VCC and VCCI are above the minimum specified trip points (Figure 3-1).
2. VCCI > VCC – 0.75 V (typical).
3. Chip is in the operating mode.
VCCI Trip Point:
Ramping up: 0.6 V < trip_point_up < 1.2 V
Ramping down: 0.5 V < trip_point_down < 1.1 V
VCC Trip Point:
Ramping up: 0.6 V < trip_point_up < 1.1 V
Ramping down: 0.5 V < trip_point_down < 1 V
VCC and VCCI ramp-up trip points are about 100 mV higher than ramp-down trip points. This specifically
built-in hysteresis prevents undesirable power-up oscillations and current surges. Note the following:
•
During programming, I/Os become tristated and weakly pulled up to VCCI.
•
JTAG supply, PLL power supplies, and charge pump VPUMP supply have no influence on I/O
behavior.
Internal Power-Up Activation Sequence
1. Core
2. Input buffers
3. Output buffers, after 200 ns delay from input buffer activation
PLL Behavior at Brownout Condition
Microsemi recommends using monotonic power supplies or voltage regulators to ensure proper power-
up behavior. Power ramp-up should be monotonic at least until VCC and VCCPLX exceed brownout
activation levels. The VCC activation level is specified as 1.1 V worst-case (see Figure 3-1 on page 3-6
for more details).
When PLL power supply voltage and/or VCC levels drop below the VCC brownout levels
(0.75 V ± 0.25 V), the PLL output lock signal goes low and/or the output clock is lost.
Table 3-5 • FPGA Programming, Storage, and Operating Limits
Product
Grade
Storage
Temperature
Element
Grade Programming
Cycles
Retention
Commercial
Min. TJ = 0°C
FPGA/FlashROM
500
20 years
Max. TJ = 85°C
Embedded Flash
< 1,000
20 years
< 10,000
10 years
< 15,000
5 years
Industrial
Min. TJ = –40°C
FPGA/FlashROM
500
20 years
Max. TJ = 100°C
Embedded Flash
< 1,000
20 years
< 10,000
10 years
< 15,000
5 years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com