Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS090 Datasheet(PDF) 102 Page - Microsemi Corporation

Part # AFS090
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS090 Datasheet(HTML) 102 Page - Microsemi Corporation

Back Button AFS090 Datasheet HTML 98Page - Microsemi Corporation AFS090 Datasheet HTML 99Page - Microsemi Corporation AFS090 Datasheet HTML 100Page - Microsemi Corporation AFS090 Datasheet HTML 101Page - Microsemi Corporation AFS090 Datasheet HTML 102Page - Microsemi Corporation AFS090 Datasheet HTML 103Page - Microsemi Corporation AFS090 Datasheet HTML 104Page - Microsemi Corporation AFS090 Datasheet HTML 105Page - Microsemi Corporation AFS090 Datasheet HTML 106Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 334 page
background image
Device Architecture
2- 86
R e visio n 2
Terminology
BW – Bandwidth
BW is a range of frequencies that a Channel can handle.
Channel
A channel is define as an analog input configured as one of the Prescaler range shown in Table 2-57 on
page 2-132. The channel includes the Prescaler circuit and the ADC.
Channel Gain
Channel Gain is a measured of the deviation of the actual slope from the ideal slope. The slope is
measured from the 20% and 80% point.
EQ 1
Channel Gain Error
Channel Gain Error is a deviation from the ideal slope of the transfer function. The Prescaler Gain Error
is expressed as the percent difference between the actual and ideal, as shown in EQ 2.
EQ 2
Channel Input Offset Error
Channel Offset error is measured as the input voltage that causes the transition from zero to a count of
one. An Ideal Prescaler will have offset equal to ½ of LSB voltage. Offset error is a positive or negative
when the first transition point is higher or lower than ideal. Offset error is expressed in LSB or input
voltage.
Total Channel Error
Total Channel Error is defined as the total error measured compared to the ideal value. Total Channel
Error is the sum of gain error and offset error combined. Figure 2-66 shows how Total Channel Error is
measured.
Total Channel Error is defined as the difference between the actual ADC output and ideal ADC output. In
the example shown in Figure 2-66, the Total Channel Error would be a negative number.
Figure 2-66 • Total Channel Error Example
Gain
Gainactual
Gainideal
-------------------------
=
ErrorGain
(1-Gain) 100%
×
=
Input Voltage to Prescaler
T otal C hannel Error
C hannel Gain
Actual Output
Channel Input
Offset Error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com