Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS090 Datasheet(PDF) 105 Page - Microsemi Corporation

Part # AFS090
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS090 Datasheet(HTML) 105 Page - Microsemi Corporation

Back Button AFS090 Datasheet HTML 101Page - Microsemi Corporation AFS090 Datasheet HTML 102Page - Microsemi Corporation AFS090 Datasheet HTML 103Page - Microsemi Corporation AFS090 Datasheet HTML 104Page - Microsemi Corporation AFS090 Datasheet HTML 105Page - Microsemi Corporation AFS090 Datasheet HTML 106Page - Microsemi Corporation AFS090 Datasheet HTML 107Page - Microsemi Corporation AFS090 Datasheet HTML 108Page - Microsemi Corporation AFS090 Datasheet HTML 109Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
R e visio n 2
2 - 89
To initiate a current measurement, the appropriate Current Monitor Strobe (CMSTB) signal on the AB
macro must be asserted low for at least tCMSLO in order to discharge the previous measurement. Then
CMSTB must be asserted high for at least tCMSET prior to asserting the ADCSTART signal. The CMSTB
must remain high until after the SAMPLE signal is de-asserted by the AB macro. Note that the minimum
sample time cannot be less than tCMSHI. Figure 2-69 shows the timing diagram of CMSTB in relationship
with the ADC control signals.
Figure 2-70 illustrates positive current monitor operation. The differential voltage between AV and AC
goes into the 10× amplifier and is then converted by the ADC. For example, a current of 1.5 A is drawn
from a 10 V supply and is measured by the voltage drop across a 0.050
Ω sense resistor, The voltage
drop is amplified by ten times by the amplifier and then measured by the ADC. The 1.5 A current creates
a differential voltage across the sense resistor of 75 mV. This becomes 750 mV after amplification. Thus,
the ADC measures a current of 1.5 A as 750 mV. Using an ADC with 8-bit resolution and VAREF of 2.56
V, the ADC result is decimal 75. EQ 3 shows how to compute the current from the ADC result.
EQ 3
where
I is the current flowing through the sense resistor
ADC is the result from the ADC
VAREF is the Reference voltage
N is the number of bits
Rsense is the resistance of the sense resistor
Figure 2-69 • Timing Diagram for Current Monitor Strobe
VADC
tCMSET
CMSTBx
ADCSTART can be asserted
after this point to start ADC
sampling.
tCMSHI
ADCSTART
tCMSLO
I
ADC
V
AREF
×
() 10 2
N
×
R
sense
×
()
⁄
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com