Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS090 Datasheet(PDF) 107 Page - Microsemi Corporation

Part # AFS090
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS090 Datasheet(HTML) 107 Page - Microsemi Corporation

Back Button AFS090 Datasheet HTML 103Page - Microsemi Corporation AFS090 Datasheet HTML 104Page - Microsemi Corporation AFS090 Datasheet HTML 105Page - Microsemi Corporation AFS090 Datasheet HTML 106Page - Microsemi Corporation AFS090 Datasheet HTML 107Page - Microsemi Corporation AFS090 Datasheet HTML 108Page - Microsemi Corporation AFS090 Datasheet HTML 109Page - Microsemi Corporation AFS090 Datasheet HTML 110Page - Microsemi Corporation AFS090 Datasheet HTML 111Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
R e visio n 2
2 - 91
Terminology
Accuracy
The accuracy of Fusion Current Monitor is ±2 mV minimum plus 5% of the differential voltage at the
input. The input accuracy can be translated to error at the ADC output by using EQ 4. The 10 V/V gain is
the gain of the Current Monitor Circuit, as described in the "Current Monitor" section on page 2-88. For 8-
bit mode, N = 8, V
AREF= 2.56 V, zero differential voltage between AV and AC, the Error (EADC) is equal to
2 LSBs.
EQ 4
where
N
is the number of bits
VAREF is the Reference voltage
VAV is the voltage at AV pad
VAC is the voltage at AC pad
Table 2-37 • Recommended Resistor for Different Current Range Measurement
Current Range
Recommended Minimum Resistor Value (Ohms)
> 5 mA – 10 mA
10 – 20
> 10 mA – 20 mA
5 – 10
> 20 mA – 50 mA
2.5 – 5
> 50 mA – 100 mA
1 – 2
> 100 mA – 200 mA
0.5 – 1
> 200 mA – 500 mA
0.3 – 0.5
> 500 mA – 1 A
0.1 – 0.2
> 1 A – 2 A
0.05 – 0.1
> 2 A – 4 A
0.025 – 0.05
> 4 A – 8 A
0.0125 – 0.025
> 8 A – 12 A
0.00625 – 0.02
Figure 2-71 • Negative Current Monitor
I
RSENSE
0 to
–10.5 V
AVx
ACx
CMSTBx
10 X
VADC
Current Monitor
to Analog MUX
(see Table 2-36
for MUXchannel
number)
E
ADC
2mV 0.05 V
AV
V
AC
–
+
()
10V
() V
⁄
×
2
N
V
AREF
-----------------
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com