Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS090 Datasheet(PDF) 103 Page - Microsemi Corporation

Part # AFS090
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS090 Datasheet(HTML) 103 Page - Microsemi Corporation

Back Button AFS090 Datasheet HTML 99Page - Microsemi Corporation AFS090 Datasheet HTML 100Page - Microsemi Corporation AFS090 Datasheet HTML 101Page - Microsemi Corporation AFS090 Datasheet HTML 102Page - Microsemi Corporation AFS090 Datasheet HTML 103Page - Microsemi Corporation AFS090 Datasheet HTML 104Page - Microsemi Corporation AFS090 Datasheet HTML 105Page - Microsemi Corporation AFS090 Datasheet HTML 106Page - Microsemi Corporation AFS090 Datasheet HTML 107Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
R e visio n 2
2 - 87
Direct Digital Input
The AV, AC, and AT pads can also be configured as high-voltage digital inputs (Figure 2-67). As these
pads are 12 V–tolerant, the digital input can also be up to 12 V. However, the frequency at which these
pads can operate is limited to 10 MHz.
To enable one of these analog input pads to operate as a digital input, its corresponding Digital Input
Enable (DENAxy) pin on the Analog Block must be pulled High, where x is either V, C, or T (for AV, AC,
or AT pads, respectively) and y is in the range 0 to 9, corresponding to the appropriate Analog Quad.
When the pad is configured as a digital input, the signal will come out of the Analog Block macro on the
appropriate DAxOUTy pin, where x represents the pad type (V for AV pad, C for AC pad, or T for AT pad)
and y represents the appropriate Analog Quad number. Example: If the AT pad in Analog Quad 5 is
configured as a digital input, it will come out on the DATOUT5 pin of the Analog Block macro.
Figure 2-67 • Analog Quad Direct Digital Input Configuration
Analog Quad
AV
AC
AT
Voltage
Monitor Block
Current
Monitor Block
AG
Digital
Input
Power
MOSFET
Gate Driver
Current
Monitor / Instr
Amplifier
Temperature
Monitor
Digital
Input
Digital
Input
Pads
To Analog MUX
To Analog MUX
To Analog MUX
To FPGA
(DAVOUTx)
To FPGA
(DACOUTx)
To FPGA
(DATOUTx)
On-Chip
Gate
Driver
Temperature
Monitor Block
Off-Chip
From FPGA
(GDONx)
Prescaler
Prescaler
Prescaler



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com