Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS090 Datasheet(PDF) 161 Page - Microsemi Corporation

Part # AFS090
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS090 Datasheet(HTML) 161 Page - Microsemi Corporation

Back Button AFS090 Datasheet HTML 157Page - Microsemi Corporation AFS090 Datasheet HTML 158Page - Microsemi Corporation AFS090 Datasheet HTML 159Page - Microsemi Corporation AFS090 Datasheet HTML 160Page - Microsemi Corporation AFS090 Datasheet HTML 161Page - Microsemi Corporation AFS090 Datasheet HTML 162Page - Microsemi Corporation AFS090 Datasheet HTML 163Page - Microsemi Corporation AFS090 Datasheet HTML 164Page - Microsemi Corporation AFS090 Datasheet HTML 165Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
R e visio n 2
2 - 145
Electrostatic Discharge (ESD) Protection
Fusion devices are tested per JEDEC Standard JESD22-A114-B.
Fusion devices contain clamp diodes at every I/O, global, and power pad. Clamp diodes protect all
device pads against damage from ESD as well as from excessive voltage transients.
Each I/O has two clamp diodes. One diode has its positive (P) side connected to the pad and its negative
(N) side connected to VCCI. The second diode has its P side connected to GND and its N side
connected to the pad. During operation, these diodes are normally biased in the Off state, except when
transient voltage is significantly above VCCI or below GND levels.
By selecting the appropriate I/O configuration, the diode is turned on or off. Refer to Table 2-75 and
Table 2-76 on page 2-145 for more information about I/O standards and the clamp diode.
The second diode is always connected to the pad, regardless of the I/O configuration selected.
Table 2-75 • Fusion Standard and Advanced I/O – Hot-Swap and 5 V Input Tolerance Capabilities
I/O Assignment
Clamp Diode
Hot Insertion
5 V Input Tolerance 1
Input
Buffer
Output
Buffer
Standard
I/O
Advanced
I/O
Standard
I/O
Advanced
I/O
Standard
I/O
Advanced
I/O
3.3 V LVTTL/LVCMOS
No
Yes
Yes
No
Yes1
Yes1
Enabled/Disabled
3.3 V PCI, 3.3 V PCI-X
N/A
Yes
N/A
No
N/A
Yes1
Enabled/Disabled
LVCMOS 2.5 V
No
Yes
Yes
No
No
No
Enabled/Disabled
LVCMOS 2.5 V / 5.0 V
N/A
Yes
N/A
No
N/A
Yes2
Enabled/Disabled
LVCMOS 1.8 V
No
Yes
Yes
No
No
No
Enabled/Disabled
LVCMOS 1.5 V
No
Yes
Yes
No
No
No
Enabled/Disabled
Differential,
LVDS/BLVDS/M-
LVDS/ LVPECL 3
N/A
Yes
N/A
No
N/A
No
Enabled/Disabled
Notes:
1. Can be implemented with an external IDT bus switch, resistor divider, or Zener with resistor.
2. Can be implemented with an external resistor and an internal clamp diode.
3. Bidirectional LVPECL buffers are not supported. I/Os can be configured as either input buffers or output buffers.
Table 2-76 • Fusion Pro I/O – Hot-Swap and 5 V Input Tolerance Capabilities
I/O Assignment
Clamp
Diode
Hot
Insertion
5 V Input
Tolerance
Input Buffer
Output Buffer
3.3 V LVTTL/LVCMOS
No
Yes
Yes1
Enabled/Disabled
3.3 V PCI, 3.3 V PCI-X
Yes
No
Yes1
Enabled/Disabled
LVCMOS 2.5 V 3
No
Yes
No
Enabled/Disabled
LVCMOS 2.5 V / 5.0 V 3
Yes
No
Yes2
Enabled/Disabled
LVCMOS 1.8 V
No
Yes
No
Enabled/Disabled
LVCMOS 1.5 V
No
Yes
No
Enabled/Disabled
Voltage-Referenced Input Buffer
No
Yes
No
Enabled/Disabled
Differential, LVDS/BLVDS/M-LVDS/LVPECL4
No
Yes
No
Enabled/Disabled
Notes:
1. Can be implemented with an external IDT bus switch, resistor divider, or Zener with resistor.
2. Can be implemented with an external resistor and an internal clamp diode.
3. In the
SmartGen, FlashROM, Flash Memory System Builder, and Analog System Builder User's Guide, select the
LVCMOS5 macro for the LVCMOS 2.5 V / 5.0 V I/O standard or the LVCMOS25 macro for the LVCMOS 2.5 V I/O
standard.
4. Bidirectional LVPECL buffers are not supported. I/Os can be configured as either input buffers or output buffers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com