Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS090 Datasheet(PDF) 163 Page - Microsemi Corporation

Part # AFS090
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS090 Datasheet(HTML) 163 Page - Microsemi Corporation

Back Button AFS090 Datasheet HTML 159Page - Microsemi Corporation AFS090 Datasheet HTML 160Page - Microsemi Corporation AFS090 Datasheet HTML 161Page - Microsemi Corporation AFS090 Datasheet HTML 162Page - Microsemi Corporation AFS090 Datasheet HTML 163Page - Microsemi Corporation AFS090 Datasheet HTML 164Page - Microsemi Corporation AFS090 Datasheet HTML 165Page - Microsemi Corporation AFS090 Datasheet HTML 166Page - Microsemi Corporation AFS090 Datasheet HTML 167Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
R e visio n 2
2 - 147
Temporary overshoots are allowed according to Table 3-4 on page 3-4.
Solution 2
The board-level design must ensure that the reflected waveform at the pad does not exceed limits
provided in Table 3-4 on page 3-4. This is a long-term reliability requirement.
This scheme will also work for a 3.3 V PCI/PCI-X configuration, but the internal diode should not be used
for clamping, and the voltage must be limited by the external resistors and Zener, as shown in Figure 2-
102. Relying on the diode clamping would create an excessive pad DC voltage of 3.3 V + 0.7 V = 4 V.
Figure 2-101 • Solution 1
Figure 2-102 • Solution 2
On-Chip
Off-Chip
Solution 1
5.5 V
3.3 V
Requires two board resistors,
LVCMOS 3.3 V I/Os
Fusion I/O Input
Rext1
Rext2
Solution 2
5.5 V
3.3 V
Requires one board resistor, one
Zener 3.3 V diode, LVCMOS 3.3 V I/Os
Fusion I/O Input
Rext1
Zener
3.3 V
On-Chip
Off-Chip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com