Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS090 Datasheet(PDF) 162 Page - Microsemi Corporation

Part # AFS090
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS090 Datasheet(HTML) 162 Page - Microsemi Corporation

Back Button AFS090 Datasheet HTML 158Page - Microsemi Corporation AFS090 Datasheet HTML 159Page - Microsemi Corporation AFS090 Datasheet HTML 160Page - Microsemi Corporation AFS090 Datasheet HTML 161Page - Microsemi Corporation AFS090 Datasheet HTML 162Page - Microsemi Corporation AFS090 Datasheet HTML 163Page - Microsemi Corporation AFS090 Datasheet HTML 164Page - Microsemi Corporation AFS090 Datasheet HTML 165Page - Microsemi Corporation AFS090 Datasheet HTML 166Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 334 page
background image
Device Architecture
2- 14 6
R e v isio n 2
5 V Input Tolerance
I/Os can support 5 V input tolerance when LVTTL 3.3 V, LVCMOS 3.3 V, LVCMOS 2.5 V / 5 V, and
LVCMOS 2.5 V configurations are used (see Table 2-77 on page 2-149 for more details). There are four
recommended solutions (see Figure 2-101 to Figure 2-104 on page 2-148 for details of board and macro
setups) to achieve 5 V receiver tolerance. All the solutions meet a common requirement of limiting the
voltage at the input to 3.6 V or less. In fact, the I/O absolute maximum voltage rating is 3.6 V, and any
voltage above 3.6 V may cause long-term gate oxide failures.
Solution 1
The board-level design needs to ensure that the reflected waveform at the pad does not exceed the limits
provided in Table 3-4 on page 3-4. This is a long-term reliability requirement.
This scheme will also work for a 3.3 V PCI / PCI-X configuration, but the internal diode should not be
used for clamping, and the voltage must be limited by the two external resistors, as explained below.
Relying on the diode clamping would create an excessive pad DC voltage of 3.3 V + 0.7 V = 4 V.
The following are some examples of possible resistor values (based on a simplified simulation model
with no line effects and 10
Ω transmitter output resistance, where Rtx_out_high = (VCCI – VOH) / IOH,
Rtx_out_low = VOL / IOL).
Example 1 (high speed, high current):
Rtx_out_high = Rtx_out_low = 10
Ω
R1 = 36
Ω (±5%), P(r1)min = 0.069 Ω
R2 = 82
Ω (±5%), P(r2)min = 0.158 Ω
Imax_tx = 5.5 V / (82 * 0.95 + 36 * 0.95 + 10) = 45.04 mA
tRISE =tFALL = 0.85 ns at C_pad_load = 10 pF (includes up to 25% safety margin)
tRISE =tFALL = 4 ns at C_pad_load = 50 pF (includes up to 25% safety margin)
Example 2 (low–medium speed, medium current):
Rtx_out_high = Rtx_out_low = 10
Ω
R1 = 220
Ω (±5%), P(r1)min = 0.018 Ω
R2 = 390
Ω (±5%), P(r2)min = 0.032 Ω
Imax_tx = 5.5 V / (220 * 0.95 + 390 * 0.95 + 10) = 9.17 mA
tRISE =tFALL = 4 ns at C_pad_load = 10 pF (includes up to 25% safety margin)
tRISE =tFALL = 20 ns at C_pad_load = 50 pF (includes up to 25% safety margin)
Other values of resistors are also allowed as long as the resistors are sized appropriately to limit the
voltage at the receiving end to 2.5 V < Vin(rx) < 3.6 V when the transmitter sends a logic 1. This range of
Vin_dc(rx) must be assured for any combination of transmitter supply (5 V ± 0.5 V), transmitter output
resistance, and board resistor tolerances.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com