Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAMDCC0002 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAMDCC0002
Description  PIN diode Vector Modulators - Fundamentals and Drive Requirements
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAMDCC0002 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAMDCC0002 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAMDCC0002 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAMDCC0002 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAMDCC0002 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAMDCC0002 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAMDCC0002 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAMDCC0002 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PIN diode Vector Modulators -
Fundamentals and Drive Requirements
Rev. V4
Application Note
AN3001
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
1
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
Introduction
M/A-COM’s Chip Scale Package (CSP) vector
modulator platform offers a means of varying
attenuation and phase in a single surface mount
package.
These vector modulators offer linear
phase and minimal amplitude ripple in their bands of
operation.
Due to using PIN diodes as the active
devices, these vector modulators have high intercept
points. These vector modulators operate in tandem
with a dual linearizer, MADRCC0002 that has been
developed by M/A-COM.
Basic Vector Modulator Operation
The block diagram for the vector modulator is given
in Figure 1. The vector modulator consists of four
elements: an input quadrature hybrid, two voltage
variable attenuators (four-port quadrature hybrids
with both outputs terminated in PIN diodes), and an
output power combiner.
One of the keys to understanding how vector
modulators work is to understand that there is a
phase shift of 180
° when the impedance of the
diodes (for a single VVA) crosses 50 ohms.
For
diode impedance of greater than 50 ohms, there is
no phase change when the signal reflects off of the
diodes. This can also be noted on the Smith Chart.
Note that when the impedance of the diodes is less
than 50 ohms, there is no phase shift. The following
will describe the vectors in three cases. See Figure
2 for additional insight into how single vectors pass
through the vector modulator.
•
Case 1. If the diodes in the bottom VVA are set
to an impedance of 50 ohms, the bottom VVA
will be in a high loss state. The output of the top
VVA will have a phase of 0
° or 180°, depending
on the impedance of the terminating diodes.
See the “A” or “/A” labels.
•
Case 2. If the diodes in the top VVA are set to
an impedance of 50 ohms, the top VVA will be
in a high loss state. The output of the bottom
VVA will have a phase of -90
° or 90°, depend-
ing on the impedance of the terminating di-
odes. See the “B” or “/B” labels.
•
Case 3.
If the output of the top VVA has a
phase of 0° with a magnitude of 1, and the out-
put of the bottom VVA has a phase of 90° with
a magnitude of 1, the resultant vector will have
a magnitude of 1.414 (square root of 2) at an
angle of 45°.
Definition of RF Parameters
It is helpful to define some of the parameters used
to specify the electrical performance of a vector
modulator, so that the specifications are clearly
understood. Note that this type of vector modulator
is designed to have continuous phase shift over
360
°.
Reference Loss: This is the minimum loss where
all phases from 0
° to 360° are available. This is
measured at the center frequency of the specified
band.
Attenuation Range: This is the attenuation (relative
to the reference loss), where the performance of
the vector modulator is defined. For example, if a
vector modulator has an attenuation range of 10
dB, and a reference loss of 12 dB, the vector
modulator will operate over an absolute loss range
between 12 and 22 dB. Note that in the case of
SA90-0001, the vector modulator has a higher at-
tenuation range than the specified range, but the
attenuation is difficult to control, and the phase line-
arity and amplitude ripple start to degrade.
Frequency Band (MHz)
Band
Model Number
Model Number of Prototype with Driver
Availability
925 - 960
GSM
MAMDCC0005
MAMDCC0005-DC000
Q2 2002
1930 - 1990
PCS
MAMDCC0002
MAMDCC0002-DC000
In Stock
2040 - 2240
UMTS
SA90-0001
SA90-0001-DC000
In Stock
Table 1. Selection Guide for Vector Modulator


Similar Part No. - MAMDCC0002

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAMDCC0002 MA-COM-MAMDCC0002 Datasheet
130Kb / 5P
Vector Modulator, 1.805 to 1.88 GHz (DCS) and 1.93 to 1.99 GHz (PCS)
logo
Tyco Electronics
MAMDCC0002-DC000 MACOM-MAMDCC0002-DC000 Datasheet
340Kb / 5P
Dual Linear Driver for Vector Modulators
logo
M/A-COM Technology Solu...
MAMDCC0002-DC000 MA-COM-MAMDCC0002-DC000 Datasheet
136Kb / 7P
Dual Linear Driver for Vector Modulators
MAMDCC0002-DC000 MA-COM-MAMDCC0002-DC000 Datasheet
130Kb / 5P
Vector Modulator, 1.805 to 1.88 GHz (DCS) and 1.93 to 1.99 GHz (PCS)
MAMDCC0002-DC000 MA-COM-MAMDCC0002-DC000 Datasheet
680Kb / 8P
Dual Linear Driver for Vector Modulators
More results

Similar Description - MAMDCC0002

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MADRCC0002 MACOM-MADRCC0002 Datasheet
340Kb / 5P
Dual Linear Driver for Vector Modulators
MADR-007131-000100 MACOM-MADR-007131-000100 Datasheet
352Kb / 6P
Dual Linear Driver for Vector Modulators
logo
Merrimac Industries, In...
VMP-2R-10B MERRIMAC-VMP-2R-10B Datasheet
84Kb / 1P
VECTOR I&Q MODULATORS
VMP-2S-1.5B MERRIMAC-VMP-2S-1.5B Datasheet
94Kb / 1P
VECTOR I&Q MODULATORS
logo
M/A-COM Technology Solu...
MADRCC0002 MA-COM-MADRCC0002 Datasheet
136Kb / 7P
Dual Linear Driver for Vector Modulators
MADR-007131-000100 MA-COM-MADR-007131-000100 Datasheet
136Kb / 7P
Dual Linear Driver for Vector Modulators
MADR-007131-000100 MA-COM-MADR-007131-000100 Datasheet
136Kb / 7P
Dual Linear Driver for Vector Modulators
MADRCC0002 MA-COM-MADRCC0002 Datasheet
136Kb / 7P
Dual Linear Driver for Vector Modulators
MADR-007131-000100 MA-COM-MADR-007131-000100_15 Datasheet
136Kb / 7P
Dual Linear Driver for Vector Modulators
MADR-007131 MA-COM-MADR-007131 Datasheet
683Kb / 8P
Dual Linear Driver for Vector Modulators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com