Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAMDCC0002 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAMDCC0002
Description  PIN diode Vector Modulators - Fundamentals and Drive Requirements
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAMDCC0002 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAMDCC0002 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAMDCC0002 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAMDCC0002 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAMDCC0002 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAMDCC0002 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAMDCC0002 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAMDCC0002 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PIN diode Vector Modulators -
Fundamentals and Drive Requirements
Rev. V4
Application Note
AN3001
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
2
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
Amplitude Ripple: This is one half of the peak-to-peak
ripple in the specified frequency band. For example, if
the minimum loss is 11.8 dB, and the maximum loss
is 12.2 dB, the peak to peak ripple is 0.4 dB, so the
Amplitude Ripple would be 0.2 dB.
Deviation from Linear Phase:
This is a test to see
how linear the phase of the vector modulator is. To
find Deviation from Linear Phase, a line that best
approximates the measured data points by using the
method of least squares must be found.
The
deviation from linear phase is the difference between
the calculated and measured line.
Drive Requirements for a Vector Modulator
Driving
a
vector
modulator
requires
a
solid
understanding of the transfer function from the Bias1
and Bias2 inputs to the amplitude and phase change
of the vector modulator. It should be noted that vector
modulators are driven by current, due to the PIN
diode construction.
The following description will
focus on how PIN diode vector modulators are driven
by dual linearizers. A chart of the drive characteristics
when driven by current will also be provided.
M/A-COM
has
designed
a
dual
linearizer,
MADRCC0002, so that the amplitude and phase of
the vector modulators is linearized relative to the
control voltages at the inputs of the linearizer. See
the
circuit
in
Figure
3
for
the
schematic
of
MADRCC0002
driving
the
SA90-0001
vector
modulator.
This same schematic also holds when
driving the MAMDCC0002 and MAMDCC0005 vector
modulators.
The first step is to determine the reference loss of the
vector modulator. See Figure 4, which provides the
transfer function of the test.
Figure 1. Block Diagram
Figure 2. Summation of Vectors
0°
A
180°
A
90°
B
-90°
B
1
1
1* 2
The four outer curves are found by sweeping the bi-
ases as follows:
1.
Set Bias2 to 0.0V. Sweep Bias1 from 0.0 to 5.0V
in 0.1V increments.
2.
Keep Bias1 at 5.0V.
Sweep Bias2 from 0.0 to
5.0V in 0.1V increments.
3.
Keep Bias2 at 5.0V.
Sweep Bias1 from 5.0 to
0.0V in 0.1V increments.
4.
Keep Bias1 at 0.0V.
Sweep Bias2 from 5.0 to
0.0V in 0.1V increments.
The circle that is tangent to the inside of the plot is the
reference loss circle, which is about 12 dB in this ex-
ample. Note that the plots in Figures 4 and 5 are the
same, but the lines of different bias voltages were
removed to clarify the curves that are used to find
reference loss. Figures 5 and 6 use the same axes
and scales. The tick marks on the axes are reflection
coefficients in steps of 0.1. The equation that calcu-
lates loss from reflection coefficient is:
Mag = 10^(loss_in_dB/20)
Figure 5 provides a plot of insertion loss (in magni-
tude) and phase as the control inputs are varied in
0.5V increments from 0.0V to 5.0V. This gives a good
representation of the loss and phase.
However, it
should be noted that this plot will vary lot to lot. The
primary reason for the variation is that the resistance
vs. current of PIN diodes had some lot to lot variation.
Both graphs in Figure 5 have the same data. Due to
the number of labels, the plot was repeated to ensure
legibility.
Figure 6 is similar to Figure 5, but is a plot of insertion
loss (in magnitude) and phase vs. control current.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com