Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAMDCC0002 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAMDCC0002
Description  PIN diode Vector Modulators - Fundamentals and Drive Requirements
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAMDCC0002 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAMDCC0002 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAMDCC0002 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAMDCC0002 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAMDCC0002 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAMDCC0002 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAMDCC0002 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAMDCC0002 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PIN diode Vector Modulators -
Fundamentals and Drive Requirements
Rev. V4
Application Note
AN3001
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
3
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
PCB Design Guidelines
The outline drawing for the vector modulator is provided in Figure 7. The recommended PC board layout is pro-
vided in Figure 8. Note that the topology of the bias components on the layout is similar to the topology of bias
components on the schematic. It is important to have the inductors as close to the vector modulator as possible.
If the inductors are rotated around the Smith chart, they will look like capacitors, and will not provide the high
impedance to the RF signal. If the RF signal is not blocked, there can be coupling between the output ports of
the 90
° hybrids, which will degrade the performance of the vector modulator. The capacitors should be centered
between the inductors and as close as possible to the inductors, as shown in the PC board layout.
The paddle (base) of the package is grounded to optimize the RF performance of the vector modulator. A chip
scale package (CSP) was used to minimize the amount of PC board space that the end user would require.
There are two RF connections (RF IN and RF OUT) and four bias connections. All of the other connections are
ground. RF IN and RF OUT should be connected to 50 ohm transmission lines. It is preferred to select the PC
board material so that the RF lines are less than 20 mils wide to minimize coupling from the RF lines to the bias
circuit. The lines in the bias circuit should be approximately 6 mils wide to minimize cross coupling.
The recommended solder for mounting surface mount packages is Sn63 (63% Sn, 37% Pb) because it is a
eutectic compound with a melting point (183ºC) high enough to exceed the standard operating limit of the de-
vices, but low enough to avoid damaging internal circuitry during proper solder reflow operations.
Figure 3. Schematic of Dual Linearizer Driving Vector Modulator



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com