Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAMDCC0002 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MAMDCC0002
Description  PIN diode Vector Modulators - Fundamentals and Drive Requirements
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAMDCC0002 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MAMDCC0002 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAMDCC0002 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAMDCC0002 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAMDCC0002 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAMDCC0002 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAMDCC0002 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAMDCC0002 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PIN diode Vector Modulators -
Fundamentals and Drive Requirements
Rev. V4
Application Note
AN3001
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
4
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
Model Number
Frequency Range
(MHz)
Coilcraft
P/N L1 - L4
Description of
L1 - L4
Resistor
Values
R2, R6
Thermistor
Values
R3, R7
Quality
Thermistor
P/N for R3, R7
MAMDCC0005
925 - 960 (GSM)
0603CS-68NXJBC
Inductor, 68 nH, ± 5%
270 Ohms
750 Ohms
QT0805-751K
MAMDCC0002
1930 - 1990 (PCS)
0603CS-27NXJBC
Inductor, 27 nH, ± 5%
360 Ohms
680 Ohms
QT0805-681K
SA90-0001
2040 - 2240 (UMTS)
0603CS-27NXJBC
Inductor, 27 nH, ± 5%
270 Ohms
750 Ohms
QT0805-751K
Table 2. Selection Table for Bias Inductors
Figure 4. Transfer Function of Test to Determine Reference Loss
Bias1 = 0.0V
Bias2 = 5.0V
Bias1 = 5.0V
Bias2 = 0.0V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com