Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4FPC Datasheet(PDF) 9 Page - M/A-COM Technology Solutions, Inc.

Part # MA4FPC
Description  PIN Diodes for Microwave Switch Designs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4FPC Datasheet(HTML) 9 Page - M/A-COM Technology Solutions, Inc.

Back Button MA4FPC Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4FPC Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4FPC Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4FPC Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4FPC Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4FPC Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MA4FPC Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MA4FPC Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. MA4FPC Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
PIN Diodes for Microwave Switch Designs
Rev. V2
AN3021
9
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
Schematic 5: SP2T Series-Shunt, 40 dB Isolation Design with +5 V Supply
J1
J2
+5V
SN7406
Open Collector
+ 5V TTL Driver
+5V
B2 Series
Bias
J3
330
Ω
+5V
+5V
B3 Series
Bias
+5V
+5V
SN7406
Open Collector
+ 5V TTL Driver
B3 Shunt
Bias
B2 Shunt
Bias
+5V
+5V
SN7406
Open Collector
+ 5V TTL Driver
SN7406
Open Collector
+ 5V TTL Driver
+5V
B0
Voltage
330
Ω
330
Ω
330
Ω
330
Ω
Schematic 5: D.C. Bias to RF Truth Table
RF State
B2 Series Bias
B2 Shunt Bias
B3 Series Bias
B3 Shunt Bias
B0 Voltage
J1-J2 Low Loss &
J1-J3 Isolation
+0.5 V @ 11 mA
+5 V @ 0 mA
+1.4 V @ +11 mA
(To J3 Shunt Diode)
+0.5 V @ +11 mA
+1.4 V
J1-J3 Low Loss &
J1-J2 Isolation
+1.4 V @ +11 mA
(To J2 Shunt Diode)
+0.5 V @ +11 mA
+0.5 V @ +10 mA
+5 V @ 0 mA
+1.4 V
Notes:
1. Forward Bias Diode ∆Vf @ 10 mA ~ +0.9 V
2. Reverse Bias Series Diode = (+1.4 V - +1.4 V) = 0 V
3. Reverse Bias Shunt Diode = (+0.5 V - +5.0 V) = -4.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com