Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4FPC Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MA4FPC
Description  PIN Diodes for Microwave Switch Designs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4FPC Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MA4FPC Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4FPC Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4FPC Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4FPC Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4FPC Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4FPC Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4FPC Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MA4FPC Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MA4FPC Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
PIN Diodes for Microwave Switch Designs
Rev. V2
AN3021
4
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
Table 3: PIN Diode Part Number Series Matrix
Plastic PIN
Diodes
MELF & HiPax
PIN Diodes
SURMOUNT PIN
Diodes
Cermachip PIN
Diodes
Flip Chip PIN
Diodes
Beam Lead PIN
Diodes
Part Numbers:
MA4P275 Series
MA4P282 Series
MA4P789 Series
MA4P274 Series
Part Numbers:
MA4P1250
MA4P1450
MA4P4000 Series
MA4P4300 Series
MA4P7000 Series
MA4P7100 Series
MA4PH23X Series
Part Numbers:
MA4SPS Series
MADP-042XXX
Series
Part Numbers:
MA4P102
MA4P202, 203
MA4P303
MA4P404
MA4P504
MA4P505
MA4P604
MA4P606
MA4PK2000, 3000
Part Numbers:
MA4FPC Series
MA4AGFCP Series
MA4AGSBP Series
Part Numbers:
MA4PBL Series
MA4AGBLP Series
Notes:
 The following M/A-COM PIN Diode Drivers Operating with +5 V & -5 V D.C. Power Supplies are Practical
with Many PIN Diode Switch Designs: DR65 Series, MADRMA0001 and MADRMA0002 Series.
 M/A-COM Website Homepage Hyperlink Address: http://www.macom.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com