Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4FPC Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MA4FPC
Description  PIN Diodes for Microwave Switch Designs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4FPC Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MA4FPC Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4FPC Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4FPC Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4FPC Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4FPC Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4FPC Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4FPC Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MA4FPC Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MA4FPC Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
PIN Diodes for Microwave Switch Designs
Rev. V2
AN3021
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
Table 2: Relative PIN Diode Performance Evaluation Matrix
Surface Mount Assembly
Key Parameter
Plastic
MELF or Hi-
Pax
SURMOUNT
Cerma Chip
Flip Chip
Beam Lead
1 MHz < F < 1 GHz
Best Selection
100 MHz < F < 4 GHz
Best Selection
4 GHz < F < 20 GHz
Best Selection
20 GHz < F < 60 GHz
Best Selection
Best Selection
100 MHz < F < 20 GHz
Best Selection
Pinc < 0.1 W
Best Selection
0.1 W < Pinc < 1 W
Best Selection
Best Selection
1 W < Pinc < 20 W
Best Selection
20 W < Pinc < 200 W
Best Selection
Best Selection
Relative Cost Index
Lowest
Moderate/Highest Moderate/Highest
Lowest
Moderate
Highest
Chip & Wire Hybrid Assembly
Conclusions:
1. Plastic Devices are best suited where Cost is a decision driver, the Operating Frequency < 4 GHz, and the
RF C.W. Incident Power < 1 W ( + 30 dBm ).
2. MELF or HIPAX Ceramic Devices are best utilized where Highest Average Power ( > 20 W C.W. ) is the
Primary Design Goal and the Operating Frequency < 1 GHz.
3. SURMOUNT Devices are probably the Best Overall Compromise in Device Selection. They can Operate
( In Various bands ) from 10 MHz – 20 GHz and Perform well with RF Incident Power < 20 W C.W ( + 43
dBm ).
4. Cermachip Devices provide the Best Overall Performance for Operating Frequeny ( 100 MHz – 20
GHz ) , and RF Incident Power < 200 W C.W (+ 53 dBm ).
5. Flip Chip Devices are best suited for mmwave Frequencies < 60 GHz, where the RF Incident C.W. < 1W
( + 30 dBm ) and Conductive Epoxy or Soldering is Required.
6. Beam Lead Devices are best suited for mmwave Frequencies < 60 GHz, where the RF Incident C.W. <
0.1W ( + 20 dBm ) and Thermo Compression Bonding is Required.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com