Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4FPC Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MA4FPC
Description  PIN Diodes for Microwave Switch Designs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4FPC Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MA4FPC Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4FPC Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4FPC Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4FPC Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4FPC Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4FPC Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4FPC Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MA4FPC Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MA4FPC Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PIN Diodes for Microwave Switch Designs
Rev. V2
AN3021
1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
Introduction
This Application Note is intended to provide practical guidance in the selection of PIN Diodes for switch control
circuit functions. Switches, Digital and Analog Attenuators, and Limiters each have unique functions that require
proper device selection. The design difficulty lies within the parametric translation from Diode Specifications, to
the circuit designers’ Microwave Specifications. Diode parametric language such as Vb, Vf, Ct, Rs,
τ
L, θ, must
convert into Insertion Loss, VSWR, Isolation, P1dB, Input IP3, RF Operating Power, RF Power Dissipation, and
D.C. Power Consumption Specification Terminology.
In addition to actual diode parameters, package parasitics play a significant role in determining switch circuit per-
formance. Package capacitance, package inductance, package electrical resistance, and package thermal im-
pedance are extremely important considerations to determine the effective frequency bandwidth and maximum
incident power for reliable switch operation.
The manufacturing methodology dictates the type of diode selection. Surface mount assembly will mandate the
usage of either plastic, HMIC SURMOUNT, or MELF & HiPAX ceramic devices. Chip and Wire ( Hybrid ) manu-
facturing will determine the usage of Cermachips, Flip Chips, or Beam Lead Devices. Schematics for the most
common switch designs: Series-Exclusive, Shunt-Exclusive, and Series-Shunt are outlined below for considera-
tion.
The Decision Making Process for PIN Diode Selection for Microwave Switch Design
The following procedure outlines and Effective Process for PIN Diode Selection for Switch Design.
1. Determine the Preferred Type of Manufacturing for the PIN Diode in the Switch Design: Surface
Mount or Chip and Wire (Hybrid) Manufacturing.
2. Determine the Frequency of Operation and RF Power Handling of the Switch Design.
3. Use Table 1, “Relative Switch Performance and Design Evaluation Matrix” to determine the Type of
Switch Design that Best Satisfies the Particular Switch Specifications and Requirements.
4. Use Table 2, “Relative PIN Diode Performance Evaluation Matrix” to Determine the Type of PIN Di-
ode that Best Satisfies the Switch Design Selected from Table 1.
5. Use Table 3, “PIN Diode P/N Series Matrix” to Determine the PIN Diode P/N Series that Best Satis-
fies the Type of PIN Diode Selected from Table 2.


Similar Part No. - MA4FPC

ManufacturerPart #DatasheetDescription
logo
Edal Industries, Inc.
MA4F5 EDAL-MA4F5 Datasheet
1Mb / 2P
SILICON GENERAL PURPOSE 3.0 AMP DIODES
logo
Tyco Electronics
MA4FCP200 MACOM-MA4FCP200 Datasheet
42Kb / 2P
Silicon Flip Chip PIN Diode
logo
M/A-COM Technology Solu...
MA4FCP200 MA-COM-MA4FCP200 Datasheet
137Kb / 6P
Flip Chip PIN Diode
MA4FCP200-W MA-COM-MA4FCP200-W Datasheet
137Kb / 6P
Flip Chip PIN Diode
logo
Tyco Electronics
MA4FCP300 MACOM-MA4FCP300 Datasheet
110Kb / 4P
Silicon Flip Chip PIN Diode
More results

Similar Description - MA4FPC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2525 MICREL-MIC2525 Datasheet
93Kb / 12P
USB Power Control Switch Not Recommended for New Designs
logo
Microsemi Corporation
MPP4201 MICROSEMI-MPP4201 Datasheet
63Kb / 3P
MONOLITHIC MICROWAVE SURFACE MOUNT MICRO-PAK PIN DIODES
logo
Rohm
RN77 ROHM-RN77 Datasheet
611Kb / 1P
PIN Diodes for Attenuators
logo
Skyworks Solutions Inc.
APN1001 SKYWORKS-APN1001 Datasheet
195Kb / 5P
Circuit Models for Plastic Packaged Microwave Diodes
logo
M/A-COM Technology Solu...
AG318 MA-COM-AG318 Datasheet
214Kb / 5P
Comparison of Gallium Arsenide and Silicon PIN Diodes for High Speed Microwave Switches
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3890 AVAGO-HSMP-3890 Datasheet
332Kb / 13P
Surface Mount RF PIN Switch Diodes Matched Diodes for Consistent Performance
logo
New Jersey Semi-Conduct...
1N21B NJSEMI-1N21B Datasheet
61Kb / 1P
Microwave Diodes
logo
Broadcom Corporation.
HSMP-389B BOARDCOM-HSMP-389B Datasheet
1Mb / 13P
Surface Mount RF PIN Switch Diodes
HSMP-389C BOARDCOM-HSMP-389C Datasheet
1Mb / 13P
Surface Mount RF PIN Switch Diodes
HSMP-3890 BOARDCOM-HSMP-3890 Datasheet
1Mb / 13P
Surface Mount RF PIN Switch Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com