Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC401B Datasheet(PDF) 21 Page - Semtech Corporation

Part # SC401B
Description  15A Integrated FET Regulator with Programmable LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC401B Datasheet(HTML) 21 Page - Semtech Corporation

Back Button SC401B Datasheet HTML 17Page - Semtech Corporation SC401B Datasheet HTML 18Page - Semtech Corporation SC401B Datasheet HTML 19Page - Semtech Corporation SC401B Datasheet HTML 20Page - Semtech Corporation SC401B Datasheet HTML 21Page - Semtech Corporation SC401B Datasheet HTML 22Page - Semtech Corporation SC401B Datasheet HTML 23Page - Semtech Corporation SC401B Datasheet HTML 24Page - Semtech Corporation SC401B Datasheet HTML 25Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
SC401B
21
LDO Regulator
SC401B has an option to bias the switcher by using an
internal LDO from V
IN. The LDO output is connected to
VDD internally. The output of the LDO is programmable
by using external resistors from the VDD pin to AGND (see
Figure 9). The feedback pin (FBL) for the LDO is regulated
to 750mV.
VDD
To FBL pin
RLDO2
RLDO1
Figure 9 — LDO Output Voltage Selection
The LDO output voltage is set by the following equation.
2
LDO
1
LDO
R
R
1
mV
750
VLDO
A minimum capacitance of 1μF referenced to AGND is
normally required at the output of the LDO for stability.
Note that if the LDO voltage is set lower than 4.5V, the
minimum output capacitance for the LDO is 10uF.
LDO ENL Functions
The ENL input is used to enable/disable the internal LDO.
When ENL is a logic low, the LDO is off. When ENL is above
the VIN UVLO threshold, the LDO is enabled and the
switcher is also enabled if the EN/PSV and VDD are above
their threshold. The table below summarizes the function
of ENL and EN/PSV pins.
EN/PSV
ENL
LDO
Switcher
Disabled
Low, < 0.4V
OFF
OFF
Enabled
Low, < 0.4V
OFF
ON
Disabled
1.0V < High < 2.6V
ON
OFF
Enabled
1.0V < High < 2.6V
ON
OFF
Disabled
High, > 2.6V
ON
OFF
Enabled
High, > 2.6V
ON
ON
The ENL pin also acts as the switcher under-voltage lockout
for the V
IN supply. When SC401B is self-biased from the LDO
and runs from the V
IN power source only, the VIN UVLO
feature can be used to prevent false UV faults for the PWM
output by programming with a resistor divider at the VIN,
ENL and AGND pins. When SC401B has an external bias
voltage at VDD and the ENL pin is used to program the V
IN
UVLO feature, the voltage at FBL needs to be higher than
750mV to force the LDO off.
Timing is important when driving ENL with logic and not
implementing V
IN UVLO. The ENL pin must transition from
high to low within 2 switching cycles to avoid the PWM
output turning off. If ENL goes below the VIN UVLO
threshold and stays above 1V, then the switcher will turn
off but the LDO will remain on.
LDO Start-up
Before start-up, the LDO checks the status of the following
signals to ensure proper operation can be maintained.
ENL pin
V
IN input voltage
When the ENL pin is high and V
IN is above the UVLO point,
the LDO will begin start-up. During the initial phase, when
the V
DD voltage (which is the LDO output voltage) is less
than 0.75V, the LDO initiates a current-limited start-up
(typically 65mA) to charge the output capacitors while
protecting from a short circuit event. When V
DD is greater
than 0.75V but still less than 90% of its final value (as
sensed at the FBL pin), the LDO current limit is increased
to ~115mA. When V
DD has reached 90% of the final value
(as sensed at the FBL pin), the LDO current limit is increased
to ~200mA and the LDO output is quickly driven to the
nominal value by the internal LDO regulator. It is recom-
mended that during LDO start-up to hold the PWM
switching off until the LDO has reached 90% of the final
value. This prevents overloading the current-limited LDO
output during the LDO start-up.
1.
2.
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com